Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74LVX4053G-P16-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # U74LVX4053G-P16-R
Description  Triple 2-Channel Analog Multiplexer/Demultiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVX4053G-P16-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button U74LVX4053G-P16-R Datasheet HTML 2Page - Unisonic Technologies U74LVX4053G-P16-R Datasheet HTML 3Page - Unisonic Technologies U74LVX4053G-P16-R Datasheet HTML 4Page - Unisonic Technologies U74LVX4053G-P16-R Datasheet HTML 5Page - Unisonic Technologies U74LVX4053G-P16-R Datasheet HTML 6Page - Unisonic Technologies U74LVX4053G-P16-R Datasheet HTML 7Page - Unisonic Technologies U74LVX4053G-P16-R Datasheet HTML 8Page - Unisonic Technologies U74LVX4053G-P16-R Datasheet HTML 9Page - Unisonic Technologies U74LVX4053G-P16-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
U74LVX4053
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 10
www.unisonic.com.tw
QW-R502-951.B
Analog Switch CHARACTERISTICS (GND=0V,TA=25°С) (Note)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Sine Wave Distortion
THD
RL=10k, CL=50pF, fIN=1k
VIN=2Vp-p,
VCC=3V, VEE=0V
0.1
%
VIN=4Vp-p,
VCC=4.5V, VEE=0V
0.03
VIN=6Vp-p,
VCC=3V, VEE=-0.3V
0.02
Frequency response
(switch on)
fMAX
Adjust fIN voltage to obtain 0dBm
at VOS.
Increase fin frequency until dB
meter reads -3dB.
RL=50Ω,CL=10pF, fIN=1MHz, sine
wave (Figure 4)
VCC=3V, VEE=0V
200
MHz
VCC=4.5V, VEE=0V
200
VCC=3V, VEE=-3V
200
Feed through
attenuation
(switch off)
VIN is centered at (VCC-VEE)/2.
Adjust input for 0dBm.
RL=600Ω,CL=50pF,fIN=1MHz,
sine wave (Figure 5)
VCC=3V, VEE=0V
-45
dB
VCC=4.5V, VEE=0V
-45
VCC=3V, VEE=-3V
-45
RL=50Ω,CL=10pF,fIN=1MHz,
sine wave
VCC=3V, VEE=0V
-60
VCC=4.5V, VEE=0V
-60
VCC=3V, VEE=-3V
-60
Crosstalk
(control input to signal
output)
RL=600Ω,CL=50pF,fIN=1MHz,
square wave(tr=tf=6ns) (Figure 6)
VCC=3V, VEE=0V
90
mV
VCC=4.5V, VEE=0V
150
VCC=3V, VEE=-3V
120
Crosstalk
(between any switches)
Adjust VIN to obtain 0dBm at input.
RL=600Ω,CL=50pF,fIN=1MHz,
sine wave (Figure 7)
VCC=3V, VEE=0V
-45
dB
VCC=4.5V, VEE=0V
-45
VCC=3V, VEE=-3V
-45
Note: These characteristics are determined by design of devices.


Similar Part No. - U74LVX4053G-P16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVX4053G-P16-R UTC-U74LVX4053G-P16-R Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
More results

Similar Description - U74LVX4053G-P16-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com