Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U7SB3157 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U7SB3157
Description  SPDT Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U7SB3157 Datasheet(HTML) 3 Page - Unisonic Technologies

  U7SB3157_15 Datasheet HTML 1Page - Unisonic Technologies U7SB3157_15 Datasheet HTML 2Page - Unisonic Technologies U7SB3157_15 Datasheet HTML 3Page - Unisonic Technologies U7SB3157_15 Datasheet HTML 4Page - Unisonic Technologies U7SB3157_15 Datasheet HTML 5Page - Unisonic Technologies U7SB3157_15 Datasheet HTML 6Page - Unisonic Technologies U7SB3157_15 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
U7SB3157
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-604.a
ABSOLUTE MAXIMUM RATING(Ta = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V+
-0.5 ~ +6.5
V
Analog Voltage(NC,NO,COM)
VNC VNO VCOM
-0.5 ~ V+ + 0.5V
V
Analog Port Diode Current
(VNC VNO VCOM<0 or VNC VNO VCOM> V+)
II/OK
±50
mA
On-State Switch Current
(VNC VNO VCOM=0 to V+)
INC INO ICOM
±50
mA
Digital Input Voltage
VIN
-0.5 ~ +6.5
V
Digital Input Clamp Current (VIN<0)
IIK
-50
mA
V+ or GND Current
I+
±100
mA
Operating Temperature
TOPR
-40 ~ + 85
°C
Storage Temperature
TSTG
-65 ~ + 150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
OPERATING RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V+
1.65 ~ 5.5
V
Analog Signal Voltage
VNC VNO VCOM
0 ~ V+
V
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
165
°C/W


Similar Part No. - U7SB3157_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U7SB3157G-SM2-R UTC-U7SB3157G-SM2-R Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
U7SB3157L-SM2-R UTC-U7SB3157L-SM2-R Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
More results

Similar Description - U7SB3157_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4684 SGMICRO-SGM4684_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
SGM5018 SGMICRO-SGM5018_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
logo
Protek Devices
PAM22LOPR2268 PROTEC-PAM22LOPR2268_15 Datasheet
331Kb / 11P
   SPDT ANALOG SWITCH
logo
Texas Instruments
TS5A23157 TI-TS5A23157 Datasheet
220Kb / 16P
[Old version datasheet]   SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM44603 SGMICRO-SGM44603 Datasheet
357Kb / 12P
   SPDT Analog Switch
logo
Texas Instruments
TS5A3160 TI1-TS5A3160_15 Datasheet
1Mb / 31P
[Old version datasheet]   SPDT Analog Switch
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
TS5A3157DCKRG4 TI1-TS5A3157DCKRG4 Datasheet
1Mb / 28P
[Old version datasheet]   10OHM SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
   SPDT 1 Analog Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com