Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHV2243A Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHV2243A
Description  Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHV2243A Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHV2243A Datasheet HTML 1Page - United Monolithic Semiconductors CHV2243A Datasheet HTML 2Page - United Monolithic Semiconductors CHV2243A Datasheet HTML 3Page - United Monolithic Semiconductors CHV2243A Datasheet HTML 4Page - United Monolithic Semiconductors CHV2243A Datasheet HTML 5Page - United Monolithic Semiconductors CHV2243A Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHV2243a
Q-band VCO
Ref. : DSCHV2243a7310 - 06 Nov 07
2/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics
Full temperature range and used according to section “Typical assembly and bias
configuration”
Symbol
Parameter
Min
Typ
Max
Unit
F_out
Output centre frequency
38
38.25
38.5
GHz
F_vco
VCO frequency
F_out/3
F_tune1
Maximum frequency tuning range (@ F_out)
1.5
3
4
GHz
F_tune2
Specified frequency tuning range (@ F_out)
(1)
200
300
500
MHz
∆F_tune2(T) Maximum variation of Frequency over
temperature (2)
-300
+300
MHz
P_out
Output power on RF_out port
4
8
12
dBm
H1
Sub-harmonics rejection (F_out/3) (2)
-16
-11
dBc
H2
Sub-harmonics rejection (2*F_out/3) (2)
-17
-12
dBc
P_VCO
VCO output power on VCO_out_aux port (4)
-10
dBm
V_tune
Control voltage range
0.5-1
0 - 2
V
F_slope
Frequency tuning slope (2)
1000
2800
4500
MHz/v
∆F_slope(T)
Maximum variation of Frequency tuning
slope over temperature (2)
-26
+34
%
P_V+
Frequency
pushing
vs
positive
supply
voltage (2)
150
450
MHz/v
P_V-
Frequency
pushing
vs
negative
supply
voltage (2)
80
250
MHz/v
PN
Phase noise (given at F_out) (2)
@ 1kHz
@ 10kHz
@ 100kHz
@ 200kHz
@ 1MHz
-5
-35
-65
-73
-92
+5
-25
-55
-63
-82
dBc/Hz
+V
Positive supply voltage (3)
4.4
4.5
4.6
V
+I
Positive supply current
110
180
mA
-V
Negative supply voltage (3)
-4.6
-4.5
-4.4
V
-I
Negative supply current
4
10
mA
Top
Operating temperature range
-40
+100
°C
(1) F_tune2 is the frequency tuning range relative to the specified parameters, this
frequency tuning range has to be inside 38 to 38.5GHz.
(2) Specified within F_tune2
(3) Negative supply voltage must be applied at least 1µs before positive supply voltage
(4) This output is optional, it can be not connected


Similar Part No. - CHV2243A

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHV2243A UMS-CHV2243A Datasheet
173Kb / 6P
   Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
More results

Similar Description - CHV2243A

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHV2243 UMS-CHV2243 Datasheet
99Kb / 6P
   Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHV2243A UMS-CHV2243A Datasheet
173Kb / 6P
   Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHV2242A UMS-CHV2242A Datasheet
812Kb / 8P
   Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHV2242C UMS-CHV2242C Datasheet
517Kb / 9P
   Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHV2240 UMS-CHV2240_15 Datasheet
373Kb / 8P
   Multifunction K-band VCO and Q-band Multiplier
CHV2240 UMS-CHV2240 Datasheet
352Kb / 8P
   Multifunction : K-band VCO and Q-band Multiplier
CHV2241 UMS-CHV2241 Datasheet
215Kb / 8P
   K-band Oscillator with integrated Q-band Harmonic Mixer
CHV2270 UMS-CHV2270_15 Datasheet
199Kb / 8P
   Fully Integrated Ku-band HBT VCO Low cost / High linearity
CHV2270 UMS-CHV2270 Datasheet
258Kb / 8P
   Fully Integrated Ku-band HBT VCO Low cost / High linearity
CHV3241-QDG UMS-CHV3241-QDG_15 Datasheet
835Kb / 14P
   Fully Integrated HBT K-band VCO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com