Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK1812L-G03-K Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SK1812L-G03-K
Description  BIPOLAR LATCH TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK1812L-G03-K Datasheet(HTML) 1 Page - Unisonic Technologies

  SK1812L-G03-K Datasheet HTML 1Page - Unisonic Technologies SK1812L-G03-K Datasheet HTML 2Page - Unisonic Technologies SK1812L-G03-K Datasheet HTML 3Page - Unisonic Technologies SK1812L-G03-K Datasheet HTML 4Page - Unisonic Technologies SK1812L-G03-K Datasheet HTML 5Page - Unisonic Technologies SK1812L-G03-K Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SK1812
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R118-008,A
BIPOLAR LATCH TYPE
HALL - EFFECT FOR
HIGH-TEMPERATURE
OPERATION
DESCRIPTION
SK1812 is a semiconductor integrated circuit utilizing the Hall
effect. It has been so designed as to operate in the alternating
magnetic field especially at low supply voltage and operation over
extended temperature ranges to +125
.This Hall IC is suitable for
application to various kinds of sensors, contactless switches, and the
like.
FEATURES
* Wide supply voltage range of 2.5V to 20V
* Wide temperature operation range of -20
~+125
℃℃
* Alternating magnetic field operation
* TTL and MOS IC are directly drivable by the output
* The life is semipermanent because it employs contactless parts
* SIP-3 and SOT-23 package
APPLICATIONS
* Speed sensor
* Position sensor
* Rotation sensor
* Contact-less sensor
* Motor control
SOT-23
1
2
3
SIP-3
1
*Pb-free plating product number: SK1812L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
SK1812-AE3-R
SK1812L-AE3-R
SOT-23
O
I
G
Tape Reel
SK1812-G03-K
SK1812L-G03-K
SIP-3
I
G
O
Bulk
Note:
Pin Assignment: I:VCC O:VOUT G:GND
SK1812L-AE3-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) K: Bulk, R: Tape Reel
(2) AE3: SOT-23, G03: SIP-3
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - SK1812L-G03-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK1812L-G03-K UTC-SK1812L-G03-K Datasheet
58Kb / 6P
   BIPOLAR LATCH TYPE HALL - EFFECT FOR HIGH-TEMPERATURE OPERATION
More results

Similar Description - SK1812L-G03-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK1816A UTC-SK1816A Datasheet
171Kb / 5P
   BIPOLAR LATCH TYPE HALL EFFECT
SK1816M UTC-SK1816M Datasheet
200Kb / 6P
   BIPOLAR LATCH TYPE HALL EFFECT
SK1816 UTC-SK1816_15 Datasheet
278Kb / 8P
   BIPOLAR LATCH TYPE HALL EFFECT
U18 UTC-U18_15 Datasheet
62Kb / 6P
   BIPOLAR LATCH TYPE HALL EFFECT
logo
Rohm
BU52040HFV ROHM-BU52040HFV Datasheet
199Kb / 5P
   Bipolar latch type Hall effect IC
BU52040HFV ROHM-BU52040HFV_10 Datasheet
359Kb / 13P
   Bipolar Latch Hall IC
logo
Seiko Instruments Inc
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
logo
Unisonic Technologies
U18 UTC-U18 Datasheet
240Kb / 6P
   BIPOLAR LATCH TYPE HALL-EFFECT FOR HIGH-TEMPERARURE OPERATION
SK1816A UTC-SK1816A_17 Datasheet
197Kb / 5P
   BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1826 UTC-SK1826 Datasheet
193Kb / 5P
   BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com