Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H654 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # H654
Description  COMPLEMENTARY OUTPUT HALL EFFECT LATCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

H654 Datasheet(HTML) 1 Page - Unisonic Technologies

  H654_15 Datasheet HTML 1Page - Unisonic Technologies H654_15 Datasheet HTML 2Page - Unisonic Technologies H654_15 Datasheet HTML 3Page - Unisonic Technologies H654_15 Datasheet HTML 4Page - Unisonic Technologies H654_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
H654
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R118-003,B
COMPLEMENTARY OUTPUT
HALL EFFECT LATCH
DESCRIPTION
The UTC H654 is integrated Hall sensors with complementary
output drivers designed for electronic commutation of brushless DC
Fan. It composed of an on-chip Hall voltage generator, a differential
amplifier, Schmitt trigger, an open-collector output on a single chip.
Furthermore, an internal bandgap regulator allows temperature
compensated operations and a wide operating supply range. An
on-chip protection diode is implemented to prevent reverse power
fault.
When the magnetic flux density larger than threshold BOP, DO
will be turned on(low) and DOB be turned off(high). The output state
is held until the magnetic flux density is lower than BRP, and then DO
is reversal to turned off and DOB turned on.
FEATURES
* Operate from 3.5V ~ 20V supply voltage.
* On-chip Hall sensor with two different sensitivity and hysteresis
settings.
* High output sinking capability up to 300mA for driving large load.
* Lower current change rate reduces the peak output voltages during
switching.
* Build-in protecting diode for chip reversal power connecting.(Note1)
SIP-4
1
*Pb-free plating product number: H654L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
H654-G04-K
H654L-G04-K
SIP-4
Bulk
H654L-G04-K
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) B: Bulk
(2) G04: SIP-4
(3) L: Lead Free Plating, Blank: Pb/Sn
PIN DESCRIPTION
PIN NO. PIN NAME
P/I/O
DESCRIPTION
1
VCC
P
Positive Power Supply
2
DO
O
Output Pin
3
DOB
O
Output Pin
4
VSS
P
Ground


Similar Part No. - H654_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
H654 UTC-H654_10 Datasheet
125Kb / 5P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
More results

Similar Description - H654_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH277A DIODES-AH277A Datasheet
857Kb / 10P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276Q DIODES-AH276Q_09 Datasheet
188Kb / 8P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Nanjing Ouzhuo Technolo...
OH277 OHHALLSENSOR-OH277 Datasheet
190Kb / 5P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH277A BCDSEMI-AH277A Datasheet
172Kb / 10P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276 BCDSEMI-AH276 Datasheet
178Kb / 10P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Unisonic Technologies
H654 UTC-H654_10 Datasheet
125Kb / 5P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Allegro MicroSystems
3275 ALLEGRO-3275 Datasheet
65Kb / 4P
   COMPLEMENTARY-OUTPUT HALL-EFFECT LATCH
logo
Diodes Incorporated
AH276 DIODES-AH276 Datasheet
868Kb / 10P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276Q DIODES-AH276Q Datasheet
238Kb / 6P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276Q Rev. 1
logo
Anachip Corp
ATS276 ANACHIP-ATS276 Datasheet
198Kb / 7P
   Complementary Output Hall Effect Latch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com