Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHU2277 Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHU2277
Description  W-band Multifunction Multiplier / MPA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHU2277 Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHU2277_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHU2277_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHU2277_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHU2277_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHU2277_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHU2277_15 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHU2277
W-band Multiplier/MPA
Ref. DSCHU22771074 -15-Mar.-01
4/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Assembly and Bias Configuration
L_in
-V
+V
µ-strip line
DC lines
>= 120pF
>= 120pF
L_out1
1
2
3
4
5
6
7
8
9
10
11
12
L_out2
µ-strip line
µ-strip line
This drawing shows an example of assembly and bias configuration. All the
transistors are internally self biased. An external capacitor is recommended for
the positive and negative supply voltages.
For the RF pads the equivalent wire bonding inductance (diameter=25µm) have
to be according to the following recommendation.
Port
Equivalent inductance
(nH)
Wire length (mm)
(1)
IN (2)
L_in = 0.32
0.4
OUT1 (5)
L_out1 = 0.32
0.4
OUT2 (8)
L_out2 = 0.32
0.4
(1) This value is the total length including the necessary loop from pad to
pad.
For a micro-strip configuration a hole in the substrate is necessary for chip
assembly.


Similar Part No. - CHU2277_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHU2277-99F/00 UMS-CHU2277-99F/00 Datasheet
159Kb / 7P
   W-band Multifunction : Multiplier / MPA
CHU2277A UMS-CHU2277A Datasheet
196Kb / 8P
   W-band Multifunction : Multiplier / MPA
CHU2277A98F UMS-CHU2277A98F Datasheet
549Kb / 12P
   W-band Multifunction: Multiplier / MPA
CHU2277A98F UMS-CHU2277A98F_15 Datasheet
549Kb / 12P
   W-band Multifunction: Multiplier / MPA
More results

Similar Description - CHU2277_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHU2277A98F UMS-CHU2277A98F_15 Datasheet
549Kb / 12P
   W-band Multifunction: Multiplier / MPA
CHU3377 UMS-CHU3377_15 Datasheet
125Kb / 4P
   W-band Multifunction: Multiplier / MPA
CHU2277 UMS-CHU2277 Datasheet
159Kb / 7P
   W-band Multifunction : Multiplier / MPA
CHU2277A UMS-CHU2277A Datasheet
196Kb / 8P
   W-band Multifunction : Multiplier / MPA
CHU3377 UMS-CHU3377 Datasheet
183Kb / 6P
   W-band Multifunction: Multiplier / MPA
CHU3277 UMS-CHU3277 Datasheet
139Kb / 7P
   W-band Multi-function: Multiplier / MPA
CHV2240 UMS-CHV2240 Datasheet
352Kb / 8P
   Multifunction : K-band VCO and Q-band Multiplier
CHV2240 UMS-CHV2240_15 Datasheet
373Kb / 8P
   Multifunction K-band VCO and Q-band Multiplier
logo
TriQuint Semiconductor
TGA4040 TRIQUINT-TGA4040 Datasheet
163Kb / 10P
   17 - 43GHz MPA/Multiplier
TGA4031-SM TRIQUINT-TGA4031-SM Datasheet
1Mb / 17P
   17 ??0 GHz MPA/Multiplier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com