Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS12A12511 Datasheet(PDF) 9 Page - Texas Instruments

Part # TS12A12511
Description  TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS12A12511 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TS12A12511_15 Datasheet HTML 5Page - Texas Instruments TS12A12511_15 Datasheet HTML 6Page - Texas Instruments TS12A12511_15 Datasheet HTML 7Page - Texas Instruments TS12A12511_15 Datasheet HTML 8Page - Texas Instruments TS12A12511_15 Datasheet HTML 9Page - Texas Instruments TS12A12511_15 Datasheet HTML 10Page - Texas Instruments TS12A12511_15 Datasheet HTML 11Page - Texas Instruments TS12A12511_15 Datasheet HTML 12Page - Texas Instruments TS12A12511_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
Bias Voltage
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0.045
0.050
10
100
1000
10000
100000
Frequency
12V_0V/NC-COM
12V_0V/NO-COM
5V_0V/NC-COM
5V_0V/NO-COM
5V_5V/NC-COM
5V_5V/NO-COM
-75.0
-65.0
-55.0
-45.0
-35.0
-25.0
-15.0
-5.0
1.00E+6
10.00E+6
100.00E+6
1.00E+9
Frequency (Hz)
-18.0
-16.0
-14.0
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
1.00E+6
10.00E+6
100.00E+6
1.00E+9
Frequency (Hz)
-75.00
-65.00
-55.00
-45.00
-35.00
-25.00
-15.00
-5.00
1.00E+6
10.00E+6
100.00E+6
1.00E+9
Frequency (Hz)
TS12A12511
www.ti.com
SCDS248C – OCTOBER 2009 – REVISED JANUARY 2015
Typical Characteristics (continued)
Figure 8. Off Isolation vs Frequency Dual Supply (±5 V)
Figure 7. Bandwidth Dual Supply (±5 V)
Figure 9. Crosstalk vs Frequency Dual Supply (±5 V)
Figure 10. THD+N (%) vs Frequency
Figure 11. Charge Injection vs Bias Voltage
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TS12A12511


Similar Part No. - TS12A12511_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS12A12511 TI1-TS12A12511_14 Datasheet
879Kb / 25P
[Old version datasheet]   짹6 V/12 V, 5 廓, LOW rON SINGLE SPDT ANALOG SWITCH
More results

Similar Description - TS12A12511_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
TS5A22362 TI-TS5A22362 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22364 TI-TS5A22364_15 Datasheet
1Mb / 31P
[Old version datasheet]   TS5A22364 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22362 TI1-TS5A22362_17 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com