Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6A8 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 6A8
Description  6 Amp Rectifier 50 - 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

6A8 Datasheet(HTML) 2 Page - Micro Commercial Components

  6A8 Datasheet HTML 1Page - Micro Commercial Components 6A8 Datasheet HTML 2Page - Micro Commercial Components 6A8 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
6A05 thru 6A10
Average Forward Rectified Current - Amperesversus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
1
2
3
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
4
5
6
Thermal Resistance -
°C/W versus
Equal Lead Length To Heat Sink - Inches
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
40
60
200
100
Amps
.6
.8
1.0
1.2
1.4
1.6
.1
.2
.4
.6
1
2
4
6
10
20
25
°C
Volts
Figure 3
Typical Thermal Resistance versus Lead Length
.1
.2
.3
.5
.6
.7
.4
.8
.9
0
10
20
°C/W
Inches
15
5
1.0
1.1
PC BOARD
PC BOARD
www.mccsemi.com
MCC


Similar Part No. - 6A8

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
6A8 RECTRON-6A8 Datasheet
24Kb / 2P
   SILICON RECTIFIER
logo
SUNMATE electronic Co.,...
6A8 SUNMATE-6A8 Datasheet
100Kb / 2P
   6.0A Axial Leaded Rectifier
logo
MIC GROUP RECTIFIERS
6A8 MIC-6A8 Datasheet
60Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Zibo Seno Electronic En...
6A8 ZSELEC-6A8 Datasheet
116Kb / 2P
   6.0A STANDARD DIODE
logo
DONGGUAN YOU FENG WEI E...
6A8 YFWDIODE-6A8 Datasheet
429Kb / 3P
   Standard Silicon Rectifiers
More results

Similar Description - 6A8

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MR750 MCC-MR750_06 Datasheet
126Kb / 5P
   6 Amp Rectifier 50 - 1000 Volts
logo
Micro Analog systems
6A4-TP MAS-6A4-TP Datasheet
269Kb / 4P
   6 Amp Rectifier 50 - 1000 Volts
logo
Micro Commercial Compon...
MR750 MCC-MR750 Datasheet
90Kb / 3P
   6 Amp Rectifier 50 - 1000 Volts
6A05 MCC-6A05_11 Datasheet
243Kb / 4P
   6 Amp Rectifier 50 - 1000 Volts
6A05 MCC-6A05_13 Datasheet
273Kb / 4P
   6 Amp Rectifier 50 - 1000 Volts
DR750 MCC-DR750 Datasheet
85Kb / 3P
   Passivated Rectifier 50 - 1000 Volts 6 Amp Glass
DR750 MCC-DR750_11 Datasheet
497Kb / 4P
   6 Amp Glass Passivated Rectifier 50 - 1000 Volts
S6A MCC-S6A_08 Datasheet
191Kb / 5P
   6 Amp Silicon Rectifier 50 to 1000 Volts
S6A MCC-S6A Datasheet
346Kb / 3P
   6 Amp Silicon Rectifier 50 to 1000 Volts
DR750 MCC-DR750_13 Datasheet
522Kb / 4P
   Passivated Rectifier 50 - 1000 Volts 6 Amp Glass
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com