Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A12301E Datasheet(PDF) 4 Page - Texas Instruments

Part # TS5A12301E
Description  IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A12301E Datasheet(HTML) 4 Page - Texas Instruments

  TS5A12301E_15 Datasheet HTML 1Page - Texas Instruments TS5A12301E_15 Datasheet HTML 2Page - Texas Instruments TS5A12301E_15 Datasheet HTML 3Page - Texas Instruments TS5A12301E_15 Datasheet HTML 4Page - Texas Instruments TS5A12301E_15 Datasheet HTML 5Page - Texas Instruments TS5A12301E_15 Datasheet HTML 6Page - Texas Instruments TS5A12301E_15 Datasheet HTML 7Page - Texas Instruments TS5A12301E_15 Datasheet HTML 8Page - Texas Instruments TS5A12301E_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TS5A12301E
SCES707B
– AUGUST 2008 – REVISED APRIL 2011
www.ti.com
ELECTRICAL CHARACTERISTICS FOR 5-V SUPPLY
(1)
V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX UNIT
Analog Switch
VCOM,
Analog signal range
0
V+
V
VNO, VNO
25
°C
0.5
0.75
VNO or VNC = 2.5 V,
ON-state resistance
ron
See Figure 15
4.5 V
Ω
ICOM = –100 mA,
Full
0.8
ON-state resistance
25
°C
0.05
0.1
VNO or VNC = 2.5 V,
match between
Δron
See Figure 15
4.5 V
Ω
ICOM = –100 mA,
Full
0.1
channels
0
≤ (VNO or VNC) ≤ V+,
See Figure 15
25
°C
0.15
ICOM = –100 mA,
ON-state resistance
ron(flat)
4.5 V
Ω
VNO or VNC = 1 V, 1.5 V,
25
°C
0.1
0.2
flatness
2.5 V,
See Figure 15
Full
0.25
ICOM = –100 mA,
VNO = 1 V, 4.5 V,
25
°C
–20
2
20
VCOM = 4.5 V, 1 V,
VNC = Open,
INO(OFF),
or
5.5 V
nA
INC (OFF)
Full
–100
100
NO, NC
VNO = 1 V, 4.5 V,
See Figure 16
OFF leakage current
VCOM = 4.5 V, 1 V,
VNO = Open,
25
°C
–10
10
INO(PWROFF),
VNO or VNC = 0 to 5.5 V,
0 V
μA
INC (PWROFF)
VCOM = 5.5V to 0
Full
–10
10
VNO = 1 V, 4.5 V,
25
°C
–20
2
20
VCOM, VNC = Open,
NC, NO
INO(ON)
or
See Figure 17
5.5 V
nA
ON leakage current
Full
–200
200
VNC = 1 V, 4.5 V,
VCOM, VNO = Open,
VCOM = 1 V, 4.5 V,
25
°C
–20
2
20
VNO and VNC = Open,
COM
ICOM(ON)
or
See Figure 17
5.5 V
nA
ON leakage current
Full
–200
200
VCOM = 1 V, 4.5 V,
VNO or VNC = Open,
25
°C
–10
10
COM
VNO or VNC = 0 to 5.5 V,
ICOM(PWROFF)
See Figure 16
0 V
μA
OFF leakage current
VCOM = 5.5V to 0
Full
–10
10
Digital Control Input (IN)
Input logic high
VIH
Full
5.5 V
1.05
5.5
V
Input logic low
VIL
Full
5.5 V
0
0.65
V
Input leakage current
IIH, IIL
VI = 1.95 V or 0
Full
5.5 V
–0.05
0.5
μA
Input resistance
rIN
VI = 1.95 V
Full
5.5 V
6
M
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
4
Copyright
© 2008–2011, Texas Instruments Incorporated


Similar Part No. - TS5A12301E_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A12301E TI-TS5A12301E_10 Datasheet
381Kb / 20P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI1-TS5A12301E_14 Datasheet
826Kb / 24P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
More results

Similar Description - TS5A12301E_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A12301E TI-TS5A12301E_10 Datasheet
381Kb / 20P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI1-TS5A12301E_14 Datasheet
826Kb / 24P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E Datasheet
619Kb / 22P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI1-TS5A21366_14 Datasheet
1Mb / 30P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_1 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_15 Datasheet
1Mb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A6542 TI-TS5A6542_15 Datasheet
717Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542_09 Datasheet
420Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI1-TS5A6542_14 Datasheet
759Kb / 23P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com