Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN3R0-30YLD Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PSMN3R0-30YLD
Description  N-channel 30 V, 3.0 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN3R0-30YLD Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PSMN3R0-30YLD_15 Datasheet HTML 5Page - NXP Semiconductors PSMN3R0-30YLD_15 Datasheet HTML 6Page - NXP Semiconductors PSMN3R0-30YLD_15 Datasheet HTML 7Page - NXP Semiconductors PSMN3R0-30YLD_15 Datasheet HTML 8Page - NXP Semiconductors PSMN3R0-30YLD_15 Datasheet HTML 9Page - NXP Semiconductors PSMN3R0-30YLD_15 Datasheet HTML 10Page - NXP Semiconductors PSMN3R0-30YLD_15 Datasheet HTML 11Page - NXP Semiconductors PSMN3R0-30YLD_15 Datasheet HTML 12Page - NXP Semiconductors PSMN3R0-30YLD_15 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NXP Semiconductors
PSMN3R0-30YLD
N-channel 30 V, 3.0 mΩ logic level MOSFET in LFPAK56 using
NextPowerS3 Technology
PSMN3R0-30YLD
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2014. All rights reserved
Product data sheet
18 February 2014
10 / 13
11. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT669
MO-235
sot669_po
11-03-25
13-02-27
Unit(1)
mm
max
nom
min
1.20
1.01
0.15
0.00
0.25
0.50
0.35
4.41
3.62
2.2
2.0
6.2
5.8
0.85
0.40
A
Dimensions (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
Plastic single-ended surface-mounted package (LFPAK56; Power-SO8); 4 leads
SOT669
A1
A2
1.10
0.95
A3
b
b2
b3
0.1
L2
w
y
8°
0°
θ
b4
c
c2 D(1) D1(1) E(1) E1(1)
3.3
3.1
e
1.27
H
L
0.25
0.19
0.30
0.24
4.20
1.3
0.8
0.25
0.9
0.7
4.10
3.80
5.0
4.8
1.3
0.8
L1
A
C
1/2 e
w
A
0
5 mm
scale
e
E1
b
c2
A2
1
2
3
4
mounting
base
D1
c
E
b2
b3
b4
H
D
L2
L1
C
X
y C
q
(A3)
L
A
A1
detail X
Fig. 17. Package outline LFPAK56; Power-SO8 (SOT669)


Similar Part No. - PSMN3R0-30YLD_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN3R0-30YLD NEXPERIA-PSMN3R0-30YLD Datasheet
728Kb / 13P
   N-channel 30 V, 3.0 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
More results

Similar Description - PSMN3R0-30YLD_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN3R0-30YLD NEXPERIA-PSMN3R0-30YLD Datasheet
728Kb / 13P
   N-channel 30 V, 3.0 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
PSMN2R4-30YLD NEXPERIA-PSMN2R4-30YLD Datasheet
724Kb / 13P
   N-channel 30 V, 2.4 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
PSMN6R1-30YLD NEXPERIA-PSMN6R1-30YLD Datasheet
757Kb / 13P
   N-channel 30 V, 6.1 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
PSMN1R4-30YLD NEXPERIA-PSMN1R4-30YLD Datasheet
728Kb / 13P
   N-channel 30 V, 1.4 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
logo
NXP Semiconductors
PSMN1R0-30YLD PHILIPS-PSMN1R0-30YLD_15 Datasheet
243Kb / 13P
   N-channel 30 V, 1.0 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
19 September 2014
PSMN2R4-30YLD PHILIPS-PSMN2R4-30YLD_15 Datasheet
289Kb / 13P
   N-channel 30 V, 2.4 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
7 February 2014
PSMN1R2-30YLD PHILIPS-PSMN1R2-30YLD_15 Datasheet
294Kb / 13P
   N-channel 30 V, 1.2 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
30 May 2014
PSMN2R0-30YLD PHILIPS-PSMN2R0-30YLD_15 Datasheet
239Kb / 13P
   N-channel 30 V, 2.0 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
11 December 2014
PSMN7R5-30YLD PHILIPS-PSMN7R5-30YLD_15 Datasheet
291Kb / 13P
   N-channel 30 V, 7.5 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
7 February 2014
PSMN6R0-30YLD PHILIPS-PSMN6R0-30YLD_15 Datasheet
332Kb / 13P
   N-channel 30 V, 6.0 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
10 February 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com