Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU1006U Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # GBU1006U
Description  Ideal for printed circuit board
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

GBU1006U Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  GBU1006U Datasheet HTML 1Page - HY ELECTRONIC CORP. GBU1006U Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Surge overload rating -220 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
Plastic material has U/L
flammability classification 94V-0
Mounting postition:Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Maximum Average Forward (with heatsink Note 2)
Rectified Current
@ TC=100℃ (without heatsink)
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Typical Forward Voltage at 5.0A DC
VF
V
Maximum Forward Voltage at 5.0A DC
VF
V
Maximum DC Reverse Current
@ TJ=25℃
at Rated DC Blocking Voltage
@ TJ=125℃
I
2t Rating for Fusing (t<8.3ms)
I
2t
A
2s
Typical Junction Capacitance Per Element (Note1)
CJ
pF
Typical Thermal Resistance
RθJC
℃/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Device mounted on 100mm*100mm*1.6mm Cu plate heatsink.
3.The typical data above is for reference only(典型值仅供参考).
600
420
600
SYMBOL
UNIT
CHARACTERISTICS
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
GBU1006U
Rating at 25℃ ambient temperature unless otherwise specified.
REVERSE VOLTAGE
- 600 Volts
FORWARD CURRENT
- 10.0 Amperes
GLASS PASSIVATED
BRIDGE RECTIFIERS
Dimensions in inches and (milimeters)
-55 to +150
IFSM
200
70
2.2
120
0.89
A
220
10.0
3.0
GBU1006U
A
IR
REV. 2, 18-Aug-2015
0.9
I(AV)
-55 to +150
10.0
μA
GBU
.874(22.2)
.860(21.8)
.161(4.1)
.213(5.4)
.232(5.9)
.126(3.2)*45
°
CHAMFER
.720(18.3)
.752(19.1)
.720(18.29)
.680(17.27)
.073(1.85)
.057(1.45)
.035(0.9)
.047(1.2)
.100(2.54)
.085(2.16)
.065(1.65)
.080(2.03)
(5.3)
(4.8)
.210
.190
.190
.210
(4.8)
(5.3)
(5.3)
(4.8)
.210
.190
.133(3.37)
.139(3.53)
.091(2.3)
.106(2.7)
.022(.56)
.018(.46)
.401(10.2)
.392(9.80)
.437(11.1)
.430(10.9)
.134(3.4)


Similar Part No. - GBU1006U

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
GBU1006U HY-GBU1006U Datasheet
417Kb / 3P
   Low VF Glass Passivated Bridge Rectifiers
GBU1006U HY-GBU1006U_V01 Datasheet
417Kb / 3P
   Low VF Glass Passivated Bridge Rectifiers
More results

Similar Description - GBU1006U

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
GBU2006F HY-GBU2006F Datasheet
39Kb / 2P
   Ideal for printed circuit board
GBJ2006F HY-GBJ2006F Datasheet
49Kb / 2P
   Ideal for printed circuit board
GBU406L HY-GBU406L Datasheet
50Kb / 2P
   Ideal for printed circuit board
GBU606F HY-GBU606F Datasheet
47Kb / 2P
   Ideal for printed circuit board
logo
Kingtronics Internation...
KBPC35005W KINGTRONICS-KBPC35005W Datasheet
391Kb / 2P
   Ideal for printed circuit board
logo
GeneSiC Semiconductor, ...
DB107G GENESIC-DB107G Datasheet
311Kb / 3P
   Ideal for printed circuit board
logo
HY ELECTRONIC CORP.
GBJ806F HY-GBJ806F Datasheet
47Kb / 2P
   Ideal for printed circuit board
GBJ1006F HY-GBJ1006F Datasheet
46Kb / 2P
   Ideal for printed circuit board
logo
Suntan Capacitors
BR25005 SUNTAN-BR25005 Datasheet
609Kb / 2P
   Ideal for printed circuit board
KBPC35005W SUNTAN-KBPC35005W Datasheet
505Kb / 2P
   Ideal for printed circuit board
KBU6005 SUNTAN-KBU6005 Datasheet
347Kb / 2P
   Ideal for printed circuit board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com