Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1S80 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 1S80
Description  1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1S80 Datasheet(HTML) 2 Page - Micro Commercial Components

  1S80 Datasheet HTML 1Page - Micro Commercial Components 1S80 Datasheet HTML 2Page - Micro Commercial Components 1S80 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Average Forward Rectified Current Per Leg - Amperes versus
Case Temperature -
°C
Figure 3
Forward Derating Curve
0
150
25
50
75
100
0
7
14
21
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
125
28
35
42
Instantaneous Forward Current - Amperes versus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics @ TJ = 25°C
10
Amps
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
25
°C
Volts
1S20-1S40
1S50-1SA0
Instantaneous Forward Current - Amperes versus
Instantaneous Forward Voltage - Volts
Figure 2
Typical Forward Characteristics @ TJ = 125°C
10
Amps
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
125
°C
Volts
1S20 -1S40
1S50 -1SA0
1S20 thru 1SA0
MCC
www.mccsemi.com


Similar Part No. - 1S80

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
1S80 DAESAN-1S80 Datasheet
350Kb / 2P
   CURRENT 1.0Ampere VOLTAGE 20 to 40 Volts
logo
Yangzhou yangjie electr...
1S80 YANGJIE-1S80 Datasheet
192Kb / 4P
   Schottky Barrier Rectifier
logo
Galaxy Semi-Conductor H...
1S80 BILIN-1S80 Datasheet
179Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
1S80 JINANJINGHENG-1S80 Datasheet
58Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
UNIOHM CORPORATION
1S80 UNIOHM-1S80 Datasheet
66Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - 1S80

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRX120 MCC-MBRX120 Datasheet
113Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
1S20 MCC-1S20_11 Datasheet
448Kb / 4P
   1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Central Semiconductor C...
CMSH1-20M CENTRAL-CMSH1-20M Datasheet
121Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 20 THRU 100 VOLTS
CMSH1-20 CENTRAL-CMSH1-20 Datasheet
310Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 20 THRU 100 VOLTS
logo
Micro Commercial Compon...
RB491DS MCC-RB491DS Datasheet
216Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 Volts
RB491DS MCC-RB491DS_13 Datasheet
253Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 Volts
RB491D MCC-RB491D_06 Datasheet
868Kb / 4P
   1.0 Amp Schottky Barrier Rectifier 20 Volts
MBRX120 MCC-MBRX120_11 Datasheet
335Kb / 6P
   1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBRX120 MCC-MBRX120_15 Datasheet
483Kb / 6P
   1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
1N17 MCC-1N17_11 Datasheet
679Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 to 40 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com