Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN1R1-30EL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PSMN1R1-30EL
Description  N-channel 30 V 1.3 m廓 logic level MOSFET in I2PAK
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN1R1-30EL Datasheet(HTML) 2 Page - NXP Semiconductors

  PSMN1R1-30EL_15 Datasheet HTML 1Page - NXP Semiconductors PSMN1R1-30EL_15 Datasheet HTML 2Page - NXP Semiconductors PSMN1R1-30EL_15 Datasheet HTML 3Page - NXP Semiconductors PSMN1R1-30EL_15 Datasheet HTML 4Page - NXP Semiconductors PSMN1R1-30EL_15 Datasheet HTML 5Page - NXP Semiconductors PSMN1R1-30EL_15 Datasheet HTML 6Page - NXP Semiconductors PSMN1R1-30EL_15 Datasheet HTML 7Page - NXP Semiconductors PSMN1R1-30EL_15 Datasheet HTML 8Page - NXP Semiconductors PSMN1R1-30EL_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NXP Semiconductors
PSMN1R1-30EL
N-channel 30 V 1.3 mΩ logic level MOSFET in I2PAK
PSMN1R1-30EL
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
2 April 2014
2 / 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Avalanche ruggedness
EDS(AL)S
non-repetitive drain-
source avalanche
energy
VGS = 10 V; Tj(init) = 25 °C; ID = 120 A;
Vsup ≤ 30 V; RGS = 50 Ω; unclamped
-
-
1.9
J
[1] Continuous current is limited by package.
[2] Measured 3 mm from package.
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
G
gate
2
D
drain
3
S
source
mb
D
mounting base; connected to
drain
3
2
1
mb
I2PAK (SOT226)
S
D
G
mbb076
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PSMN1R1-30EL
I2PAK
plastic single-ended package (I2PAK); TO-262
SOT226
7. Marking
Table 4.
Marking codes
Type number
Marking code
PSMN1R1-30EL
PSMN1R1-30EL
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
30
V
VDGR
drain-gate voltage
Tj ≥ 25 °C; Tj ≤ 175 °C; RGS = 20 kΩ
-
30
V


Similar Part No. - PSMN1R1-30EL_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN1R1-30EL NEXPERIA-PSMN1R1-30EL Datasheet
745Kb / 13P
   N-channel 30 V 1.3 m廓 logic level MOSFET in I2PAK
More results

Similar Description - PSMN1R1-30EL_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN1R1-30EL NEXPERIA-PSMN1R1-30EL Datasheet
745Kb / 13P
   N-channel 30 V 1.3 m廓 logic level MOSFET in I2PAK
logo
NXP Semiconductors
PSMN017-30EL PHILIPS-PSMN017-30EL_15 Datasheet
194Kb / 14P
   N-channel 30 V 17 m廓 logic level MOSFET in I2PAK
Rev. 2-3 April 2012
logo
Nexperia B.V. All right...
PSMN017-30EL NEXPERIA-PSMN017-30EL Datasheet
794Kb / 14P
   N-channel 30 V 17 m廓 logic level MOSFET in I2PAK
logo
NXP Semiconductors
PSMN1R3-30YL NXP-PSMN1R3-30YL Datasheet
221Kb / 14P
   N-channel 30 V 1.3 m廓 logic level MOSFET in LFPAK
Rev. 02-25 June 2009
logo
Nexperia B.V. All right...
PSMN1R1-30PL NEXPERIA-PSMN1R1-30PL Datasheet
750Kb / 14P
   N-channel 30 V 1.3 m廓 logic level MOSFET in TO-220
logo
NXP Semiconductors
PSMN1R1-30PL PHILIPS-PSMN1R1-30PL_15 Datasheet
276Kb / 14P
   N-channel 30 V 1.3 m廓 logic level MOSFET in TO-220
2 April 2014
PSMN4R3-30BL NXP-PSMN4R3-30BL Datasheet
212Kb / 15P
   N-channel 30 V 4.1 m廓 logic level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN1R5-30YL NXP-PSMN1R5-30YL Datasheet
428Kb / 15P
   N-channel 30 V 1.5 m廓 logic level MOSFET in LFPAK
Rev. 01-9 April 2010
logo
Nexperia B.V. All right...
PSMN2R0-30YLE NEXPERIA-PSMN2R0-30YLE Datasheet
738Kb / 13P
   N-channel 30 V 2 m廓 logic level MOSFET in LFPAK
BUK9M17-30E NEXPERIA-BUK9M17-30E Datasheet
724Kb / 13P
   N-channel 30 V, 17 m廓 logic level MOSFET in LFPAK33
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com