Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHT4660-QAG Datasheet(PDF) 9 Page - United Monolithic Semiconductors

Part # CHT4660-QAG
Description  DC-16GHz Attenuator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHT4660-QAG Datasheet(HTML) 9 Page - United Monolithic Semiconductors

Back Button CHT4660-QAG Datasheet HTML 5Page - United Monolithic Semiconductors CHT4660-QAG Datasheet HTML 6Page - United Monolithic Semiconductors CHT4660-QAG Datasheet HTML 7Page - United Monolithic Semiconductors CHT4660-QAG Datasheet HTML 8Page - United Monolithic Semiconductors CHT4660-QAG Datasheet HTML 9Page - United Monolithic Semiconductors CHT4660-QAG Datasheet HTML 10Page - United Monolithic Semiconductors CHT4660-QAG Datasheet HTML 11Page - United Monolithic Semiconductors CHT4660-QAG Datasheet HTML 12Page - United Monolithic Semiconductors CHT4660-QAG Datasheet HTML 13Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DC-16GHz Attenuator
CHT4660-QAG
Ref. : DSCHT4660QAG0211- 30 Jul 2010
9/18
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Attenuation versus input power @ 0.7GHz
V1 = -5V to 0V & V2= -5V and after V1= 0V & V2 = -5V to 0V
Attenuation versus input power @ 4GHz
V1 = -5V to 0V & V2= -5V and after V1= 0V & V2 = -5V to 0V


Similar Part No. - CHT4660-QAG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT4660-QAG UMS-CHT4660-QAG Datasheet
443Kb / 18P
   DC-16GHz Attenuator
More results

Similar Description - CHT4660-QAG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT4660-QAG UMS-CHT4660-QAG Datasheet
443Kb / 18P
   DC-16GHz Attenuator
CHT4016-99F UMS-CHT4016-99F_15 Datasheet
603Kb / 10P
   4-16GHz 6-bit digital attenuator
CHT4016 UMS-CHT4016 Datasheet
1Mb / 10P
   4-16GHz 6-BIT DIGITAL ATTENUATOR GaAs Monolithic Microwave IC
CHA5051-QDG UMS-CHA5051-QDG Datasheet
642Kb / 10P
   7-16GHz Medium Power Amplifier
CHR2391 UMS-CHR2391_11 Datasheet
207Kb / 6P
   12-16GHz Integrated Down Converter
logo
Dielectric Laboratories...
B161LA0S DILABS-B161LA0S Datasheet
184Kb / 2P
   16GHz Surface Mount Bandpass Filter
H160XHXS DILABS-H160XHXS Datasheet
254Kb / 2P
   16GHz Surface Mount Highpass Filter
logo
United Monolithic Semic...
CHA3666-SNF UMS-CHA3666-SNF Datasheet
359Kb / 10P
   5.8-16GHz Low Noise Amplifier
CHA5051 UMS-CHA5051 Datasheet
821Kb / 14P
   7-16GHz Medium Power Amplifier
CHA5052 UMS-CHA5052 Datasheet
493Kb / 10P
   7-16GHz High Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com