Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM0115C1E9R7CE01 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # GRM0115C1E9R7CE01
Description  Operating temperature range
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM0115C1E9R7CE01 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  GRM0115C1E9R7CE01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GRM0115C1E9R7CE01#
# indicates a package specification code.
< List of part numbers with package codes >
GRM0115C1E9R7CE01L
Shape
L size
0.25 ±0.013mm
W size
0.125 ±0.013mm
T size
0.125 ±0.013mm
External terminal width e
0.05 to 0.1mm
Distance between external terminals g
0.05mm min.
Size code in inch(mm)
008004 (0201)
Specifications
Capacitance
9.7pF ±0.25pF
Rated voltage
25Vdc
Temperature characteristics (complied standard)
C0G(EIA)
Temperature coefficient
0±30ppm/℃
Temperature range of temperature characteristics
25 to 125℃
Operating temperature range
-55 to 125℃
References
Packaging
Specifications
Minimum quantity
φ180mm Embossed taping
50000
Mass (typ.)
1 piece
0.016mg
1 of 1
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last updated: 2015/09/25


Similar Part No. - GRM0115C1E9R7CE01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0115C1E9R7CE01 MURATA1-GRM0115C1E9R7CE01 Datasheet
1Mb / 31P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0115C1E9R7CE01 MURATA1-GRM0115C1E9R7CE01_V01 Datasheet
1Mb / 31P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Similar Description - GRM0115C1E9R7CE01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E330GA02 MURATA-GRM0222C1E330GA02 Datasheet
92Kb / 2P
   Operating temperature range
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com