Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHS5104-99F Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHS5104-99F
Description  DC-4GHz reflective SPDT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHS5104-99F Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHS5104-99F_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHS5104-99F_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHS5104-99F_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHS5104-99F_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHS5104-99F_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHS5104-99F_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHS5104-99F_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHS5104-99F_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHS5104-99F_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DC-4GHz reflective SPDT
CHS5104-99F
Ref. : DSCHS51043168 - 17 Jun 13
3/12
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Absolute Maximum Ratings
(1)
Tamb.= +25°C
Symbol
Parameter
Values
Unit
VH
High level control voltage
0.8
V
VL
Low level control voltage
-10
V
Pin
Maximum peak input power overdrive
(2)
38
dBm
Tj
Junction temperature
175
°C
Ta
Operating temperature range
-55 to +125
°C
Tstg
Storage temperature range
-55 to +150
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage.
(2) Duration < 1s.
SPDT truth table (complementary logic)
PAD A
PAD B
Electrical path RFC to RF1
Electrical path RFC to RF2
VH
VL
ON
OFF
VL
VH
OFF
ON


Similar Part No. - CHS5104-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHS5104-QAG UMS-CHS5104-QAG Datasheet
735Kb / 12P
   DC-4GHz Reflective SPDT
CHS5104-QAG UMS-CHS5104-QAG_15 Datasheet
735Kb / 12P
   DC-4GHz Reflective SPDT
More results

Similar Description - CHS5104-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHS5105-QAG UMS-CHS5105-QAG Datasheet
728Kb / 12P
   DC-4GHz Reflective SPDT
CHS5104-QAG UMS-CHS5104-QAG_15 Datasheet
735Kb / 12P
   DC-4GHz Reflective SPDT
CHS5100 UMS-CHS5100 Datasheet
115Kb / 9P
   DC-20GHz Reflective SPDT Switch
CHS5100 UMS-CHS5100_05 Datasheet
111Kb / 8P
   DC-20GHz Reflective SPDT Switch
CHS5100 UMS-CHS5100_15 Datasheet
138Kb / 8P
   DC-20GHz Reflective SPDT Switch
logo
Teledyne Technologies I...
TDSW030A2T TELEDYNE-TDSW030A2T Datasheet
810Kb / 8P
   dc-30GHz Reflective GaAs SPDT Switch
June 16, 2022
logo
Custom MMIC Design Serv...
CMD215 MMIC-CMD215 Datasheet
226Kb / 9P
   DC-40 GHz SPDT Reflective Switch
logo
Hittite Microwave Corpo...
HMC435MS8G HITTITE-HMC435MS8G Datasheet
189Kb / 6P
   SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
logo
Custom MMIC Design Serv...
CMD195C3 MMIC-CMD195C3 Datasheet
252Kb / 9P
   DC-18 GHz SPDT Non-reflective Switch
logo
Filtronic Compound Semi...
FMS2024 FILTRONIC-FMS2024_1 Datasheet
184Kb / 5P
   DC-20 GHZ MMIC SPDT REFLECTIVE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com