Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF1108 Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF1108
Description  Silicon RF switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1108 Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF1108_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1108_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1108_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1108_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1108_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1108_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1108_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1108_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1108_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1999 Nov 18
3
Philips Semiconductors
Product specification
Silicon RF switches
BF1108; BF1108R
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
Note
1. Soldering point of FET gate and diode anode lead.
STATIC CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
FET
VDS
drain-source voltage
3V
VSD
source-drain voltage
3V
VDG
drain-gate voltage
7V
VSG
source-gate voltage
7V
ID
drain current
10
mA
Diode
VR
continuous reverse voltage
35
V
IF
continuous forward current
100
mA
FET and diode
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point note 1
250
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX. UNIT
FET
V(BR)GSS
gate-source breakdown voltage
VDS = 0; IGS = 0.1 mA
7
−−
V
VGSoff
gate-source pinch-off voltage
VDS =1V; ID =20 µA
−−3
−4V
IDSX
drain-source leakage current
VGS = −5 V; VDS =2V
−−
10
µA
IGSS
gate cut-off current
VGS = −5 V; VDS =0
−−
100
nA
RDSon
drain-source on-state resistance
VGS = 0; ID =1mA
12
20
Diode
VF
forward voltage
IF =10mA
−−
1V
IR
reverse current
VR =25V
−−
50
nA
VR =20V; Tamb =75 °C −−
1
µA


Similar Part No. - BF1108_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1108R PHILIPS-BF1108R Datasheet
61Kb / 12P
   Silicon RF switches
1999 Nov 18
BF1108R NXP-BF1108R Datasheet
72Kb / 10P
   Silicon RF switches
Rev. 04-29 May 2008
BF1108R NXP-BF1108R Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF1108W NXP-BF1108W Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF1108WR NXP-BF1108WR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BF1108_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1108 PHILIPS-BF1108 Datasheet
61Kb / 12P
   Silicon RF switches
1999 Nov 18
logo
Quanzhou Jinmei Electro...
BF1108_2015 JMNIC-BF1108_2015 Datasheet
73Kb / 12P
   Silicon RF switches
logo
NXP Semiconductors
BF1108 NXP-BF1108 Datasheet
72Kb / 10P
   Silicon RF switches
Rev. 04-29 May 2008
logo
Murata Manufacturing Co...
LMSP43AA-191 MURATA-LMSP43AA-191 Datasheet
181Kb / 1P
   RF Diode Switches
logo
Magnetrol International...
80-5212-322 MAGNETROL-80-5212-322 Datasheet
409Kb / 28P
   RF Point Level Switches
80-5212-302 MAGNETROL-80-5212-302 Datasheet
126Kb / 4P
   Kotron짰 RF Point Level Switches
logo
Maxim Integrated Produc...
IH5341 MAXIM-IH5341 Datasheet
337Kb / 4P
   Dual/Quad RF/Video Switches
19-0946; Rev 1a; 12/94
logo
New Jersey Semi-Conduct...
MBS4991 NJSEMI-MBS4991 Datasheet
80Kb / 2P
   Silicon Bidirectional Switches
logo
Hirose Electric
HCS2-150-F HIROSE-HCS2-150-F Datasheet
50Kb / 3P
   RF Coaxial Switches (DC to 15 GHz)
logo
Siemens Semiconductor G...
BXY44 SIEMENS-BXY44 Datasheet
135Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com