Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLCCE0017701 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # PLCCE0017701
Description  AC Input 100-277Vac
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

PLCCE0017701 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  PLCCE0017701 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. PLCCE0017701 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LinkCom Manufacturing Co., Ltd
*,# =SEE NOTES BELOW
MODEL
SPECIFICATION
*
*
*
*
*
(6)Line regulation measured from 100VAC to 277VAC.
(7)Preset accuracy measured at normal load, 120VAC input.
(8)100% Production Tested.
Reference
norm.
max.
24
Constant Current Power Supply
95mm * 40mm * 25mm
LCCE-017 701
PLCCE0017 701
Model Name
SIZE
DC OUTPUT VOLTAGE (V)
LINE REGULATION (%) *(6)
OUTPUT CURRENT(A) *(5)
Model NO.
Part NO.
SHORT CIRCUIT PROTECTION
DC OUTPUT POWER
INRUSH CURRENT (typ)
AC CURRENT
EFFICIENCY(typ @Full Load)
TURN ON DELAY TIME
LEAKAGE CURRENT
INPUT VOLTAGE RANGE
◆ Protection: SCP / OTP / OVP
-40 to +80℃
10 to +90%
3000ms at full load 115VAC/230VAC
80%
3.5
10
90-305VAC, 127-431VDC, Normal:100-277VAC
OVER TEMP. PROTECTION
INPUT FREQUENCY
FEATURES
PRESET ACCURACY (%) *(7)
O/P NOISE (P-P, V) *(3)
*(8)
Module : LCCE-017 701
◆ AC Input 100~277Vac
STORAGE TEMPERATURE
OVER V, PROTECTION
EMI
TEMP. COEFFICIENT
OPERATING TEMP.*(4)
SAFETY
RELATIVE HUMIDITY
(5)Minimum load is NOT required for proper operation .
NOTES:(1)All parameters not specially mentioned are measured 230VAC input.
(2)All specifications Typical @25℃, unless otherwise noted, at normal line and load.
(3)Ripple and Noise measured directly at pins/terminals at nom. load, @20MHz bandwidth.
(4)Specified for free-air convection cooling.
<0.7mA/264VAC
Range:47-63Hz, Normal:50-60Hz
DIMENSIONS
◆ Safety: Meet UL / Meet TUV / Meet PSE
LCCE-017 701
◆ Power Factor: >0.95@115VAC / >0.9@230VAC
◆ EMC: CE / FCC
◆ Comply with Indoor/Outdoor Waterproof (IP 67)
10
0.7
16.8 W
The power will derate on the current limit.
The OVP is latched shutdown mode.
-20 to +60℃@full load
95mm * 40mm * 25mm (L*W*H)
Meet UL / Meet TUV / Meet PSE
The SCP will restart automaticalty after the fault condition is removed.
0.03% / ℃ (0-50℃, typ)
Ver B
CE EN55015 / FCC Part15
COLD START 5A @ 230VAC
0.4A/110VAC
◆ Dimension (mm): L*W*H: 95mm * 40mm * 25mm
◆ ROHS
min.
◆ High Operating ambient Temp: -20℃ ~ +60℃
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw


Similar Part No. - PLCCE0017701

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
PLCCE0017112 LINKCOM-PLCCE0017112 Datasheet
258Kb / 2P
   AC Input 100-277Vac
PLCCE0017122 LINKCOM-PLCCE0017122 Datasheet
270Kb / 2P
   AC Input 100-277Vac
PLCCE0017142 LINKCOM-PLCCE0017142 Datasheet
270Kb / 2P
   AC Input 100-277Vac
PLCCE0017351 LINKCOM-PLCCE0017351 Datasheet
106Kb / 2P
   AC Input 90-305Vac
PLCCE0017501 LINKCOM-PLCCE0017501 Datasheet
105Kb / 2P
   AC Input 90-305Vac
More results

Similar Description - PLCCE0017701

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
PLCCE0060132 LINKCOM-PLCCE0060132 Datasheet
697Kb / 2P
   AC Input 100-277Vac
PLCCE0017142 LINKCOM-PLCCE0017142 Datasheet
270Kb / 2P
   AC Input 100-277Vac
PLCCE0013501 LINKCOM-PLCCE0013501 Datasheet
258Kb / 2P
   AC Input 100-277Vac
PLCCE0017112 LINKCOM-PLCCE0017112 Datasheet
258Kb / 2P
   AC Input 100-277Vac
PLCCE0017122 LINKCOM-PLCCE0017122 Datasheet
270Kb / 2P
   AC Input 100-277Vac
PLCCE0013112 LINKCOM-PLCCE0013112 Datasheet
270Kb / 2P
   AC Input 100 - 277Vac
PLCCE0015112 LINKCOM-PLCCE0015112 Datasheet
269Kb / 2P
   AC Input 100-277Vac
LCCE-015X112 LINKCOM-LCCE-015X112 Datasheet
269Kb / 2P
   AC Input 100~277Vac SCP / OTP / OVP
LCCE-017X112 LINKCOM-LCCE-017X112 Datasheet
258Kb / 2P
   AC Input 100~277Vac SCP / OTP / OVP
LCCE-017X122 LINKCOM-LCCE-017X122 Datasheet
270Kb / 2P
   AC Input 100~277Vac SCP / OTP / OVP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com