Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A3159 Datasheet(PDF) 9 Page - Texas Instruments

Part # TS5A3159
Description  TS5A3159 1-廓 SPDT Analog Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3159 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TS5A3159_15 Datasheet HTML 5Page - Texas Instruments TS5A3159_15 Datasheet HTML 6Page - Texas Instruments TS5A3159_15 Datasheet HTML 7Page - Texas Instruments TS5A3159_15 Datasheet HTML 8Page - Texas Instruments TS5A3159_15 Datasheet HTML 9Page - Texas Instruments TS5A3159_15 Datasheet HTML 10Page - Texas Instruments TS5A3159_15 Datasheet HTML 11Page - Texas Instruments TS5A3159_15 Datasheet HTML 12Page - Texas Instruments TS5A3159_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TS5A3159
www.ti.com
SCDS174C – AUGUST 2004 – REVISED MARCH 2015
Electrical Characteristics for 1.8-V Supply (continued)
V+ = 1.65 V to 1.95 V and TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
V+
MIN TYP(1)
MAX
UNIT
Supply
Positive supply
I+
VIN = V+ or GND,
Switch ON or OFF
Full
1.8 V
0.1
µA
current
6.9 Switching Characteristics for 5-V Supply
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
25°C
4.5 V to
20
35
VCOM = V+,
CL = 35 pF,
tON
Turnon time
ns
5.5 V
RL = 50 Ω,
see Figure 14
Full
40
25°C
4.5 V to
15
20
VCOM = V+,
CL = 35 pF,
tOFF
Turnoff time
ns
5.5 V
RL = 50 Ω,
see Figure 14
Full
35
25°C
4.5 V to
1
12
14.5
Break-before-
VNC = VNO = V+/2,
CL = 35 pF,
tBBM
ns
5.5 V
make time
RL = 50 Ω,
see Figure 15
Full
1
6.10 Switching Characteristics for 3.3-V Supply
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
25°C
3 V to
30
40
VCOM = V+,
CL = 35 pF,
tON
Turnon time
ns
3.6 V
RL = 50 Ω,
see Figure 14
Full
55
25°C
3 V to
20
25
VCOM = V+,
CL = 35 pF,
tOFF
Turnoff time
ns
3.6 V
RL = 50 Ω,
see Figure 14
Full
40
25°C
3 V to
1
21
29
Break-before-
VNC = VNO = V+/2,
CL = 35 pF,
tBBM
ns
3.6 V
make time
RL = 50 Ω,
see Figure 15
Full
1
6.11 Switching Characteristics for 2.5-V Supply
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
25°C
2.3 V to
40
55
VCOM = V+,
CL = 35 pF,
tON
Turnon time
ns
2.7 V
RL = 50 Ω,
see Figure 14
Full
70
25°C
2.3 V to
30
40
VCOM = V+,
CL = 35 pF,
tOFF
Turnoff time
ns
2.7 V
RL = 50 Ω,
see Figure 14
Full
55
25°C
2.3 V to
1
33
39
Break-before-
VNC = VNO = V+/2,
CL = 35 pF,
tBBM
ns
2.7 V
make time
RL = 50 Ω,
see Figure 15
Full
1
6.12 Switching Characteristics for 1.8-V Supply
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
25°C
1.65 V
65
70
VCOM = V+,
CL = 35 pF,
tON
Turnon time
to
ns
RL = 50 Ω,
see Figure 14
Full
95
1.95 V
25°C
1.65 V
40
55
VCOM = V+,
CL = 35 pF,
tOFF
Turnoff time
to
ns
RL = 50 Ω,
see Figure 14
Full
70
1.95 V
25°C
1.65 V
1
60
72
Break-before-
VNC = VNO = V+/2,
CL = 35 pF,
tBBM
to
ns
make time
RL = 50 Ω,
see Figure 15
Full
1
1.95 V
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TS5A3159


Similar Part No. - TS5A3159_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3159 TI1-TS5A3159_14 Datasheet
712Kb / 28P
[Old version datasheet]   1 SPDT ANALOG SWITCH
More results

Similar Description - TS5A3159_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-Q1 TI1-TS5A3159-Q1_14 Datasheet
961Kb / 26P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157 Datasheet
407Kb / 10P
   SPDT 1廓 Analog Switch
logo
Fairchild Semiconductor
FSA4157 FAIRCHILD-FSA4157_07 Datasheet
297Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
FSA4157A FAIRCHILD-FSA4157A_12 Datasheet
635Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
logo
SG Micro Corp
SGM4157YC SGMICRO-SGM4157YC Datasheet
436Kb / 10P
   SPDT 0.8廓 Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
logo
Alpha & Omega Semicondu...
AOZ6135 AOSMD-AOZ6135 Datasheet
454Kb / 11P
   High Performance, Low RON, 1廓 SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com