Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A1066 Datasheet(PDF) 1 Page - Texas Instruments

Part # TS5A1066
Description  10-廓 SPST ANALOG SWITCH
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A1066 Datasheet(HTML) 1 Page - Texas Instruments

  TS5A1066_15 Datasheet HTML 1Page - Texas Instruments TS5A1066_15 Datasheet HTML 2Page - Texas Instruments TS5A1066_15 Datasheet HTML 3Page - Texas Instruments TS5A1066_15 Datasheet HTML 4Page - Texas Instruments TS5A1066_15 Datasheet HTML 5Page - Texas Instruments TS5A1066_15 Datasheet HTML 6Page - Texas Instruments TS5A1066_15 Datasheet HTML 7Page - Texas Instruments TS5A1066_15 Datasheet HTML 8Page - Texas Instruments TS5A1066_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
YZP PACKAGE
(BOTTOM VIEW)
3
2
1
4
5
NO
COM
GND
IN
V+
DBV OR DCK PACKAGE
(TOP VIEW)
1
2
3
5
4
NO
COM
GND
IN
V+
TS5A1066
www.ti.com
SCDS185C – JANUARY 2005 – REVISED SEPTEMBER 2012
10-
Ω SPST ANALOG SWITCH
Check for Samples: TS5A1066
1
FEATURES
Low ON-State Resistance (10
Ω)
Control Inputs Are 5.5-V Tolerant
Low Charge Injection
Low Total Harmonic Distortion (THD)
1.65-V to 5.5-V Single-Supply Operation
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Performance Tested Per JESD 22
2000-V Human-Body Model
(A114-B, Class II)
1000-V Charged-Device Model (C101)
DESCRIPTION/ORDERING INFORMATION
The TS5A1066 is a single-pole single-throw (SPST) analog switch that is designed to operate from 1.65 V to
5.5 V. This device can handle both digital and analog signals, and signals up to V+ (peak) can be transmitted in
either direction.
Table 1. SUMMARY OF CHARACTERISTICS
Single-Pole,
Configuration
Single-Throw Demultiplexer
(1 × SPST)
Number of channels
1
ON-state resistance (ron)
7.5
ON-state resistance flatness (ron(flat))
2.5
Turn-on/turn-off time (tON/tOFF)
9.5 ns/2 ns
Charge injection (QC)
1 pC
Bandwidth (BW)
400 MHz
OFF isolation (OISO)
–68 dB at 10 MHz
Total harmonic distortion (THD)
0.14%
Leakage current (ICOM(OFF)
±0.1
μA
Power-supply current (I+)
0.05
μA
5-pin DSBGA, SOT-23,
Package options
or SC-70
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS5A1066_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A1066 TI-TS5A1066_10 Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
More results

Similar Description - TS5A1066_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A2066 TI1-TS5A2066_14 Datasheet
983Kb / 31P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A2066 TI-TS5A2066_10 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A2066 TI-TS5A2066_15 Datasheet
928Kb / 30P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166_08 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A3167 TI-TS5A3167_15 Datasheet
1Mb / 27P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166_15 Datasheet
1,012Kb / 31P
[Old version datasheet]   TS5A3166 0.9-廓 SPST Analog Switch
TS5A1066 TI-TS5A1066_10 Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066 Datasheet
220Kb / 19P
[Old version datasheet]   10 OHM SPST ANALOG SWITCH
logo
Fairchild Semiconductor
FSA2156 FAIRCHILD-FSA2156_07 Datasheet
587Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
FSA2156 FAIRCHILD-FSA2156_11 Datasheet
699Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com