Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0622030480 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0622030480
Description  Impact Backplane Press-In Tool
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0622030480 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0622030480 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/07/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0622030480
Status:
Active
Description:
Impact™ Backplane Press-In Tool
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Function
Insertion
Geographic Area
Global
Level of Automation
Manual, Semi-Automatic
Product Name
Impact™
Tool Type
Manual Press
UPC
884982949409
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-622030480
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
T9999 Series
Use With
76985 Impact™ 100 Ohm Vertical
Orthogonal Backplane Signal Module
Assembly, 5-Pair by 8 Column Assemblies
This document was generated on 10/07/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0622030480

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0622030400 MOLEX11-0622030400 Datasheet
33Kb / 1P
   Press-In Tool
0622030410 MOLEX11-0622030410 Datasheet
32Kb / 1P
   Removal Tool
0622030410 MOLEX-0622030410 Datasheet
32Kb / 1P
   Removal Tool
11/02/2021
0622030420 MOLEX11-0622030420 Datasheet
30Kb / 1P
   iPass HSC Stack Dual-Port Press-In Tool
0622030430 MOLEX11-0622030430 Datasheet
29Kb / 1P
   iPass HSC Stack Dual-Port Removal Tool
More results

Similar Description - 0622030480

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
62201-8869 MOLEX11-62201-8869 Datasheet
37Kb / 1P
   Impact Backplane Press-In Tool
62203-0575 MOLEX11-62203-0575 Datasheet
36Kb / 1P
   Impact Backplane Press-In Tool
0622018874 MOLEX11-0622018874 Datasheet
29Kb / 1P
   Impact Backplane Press-In Tool
0622030475 MOLEX11-0622030475 Datasheet
23Kb / 1P
   Impact Backplane Press-In Tool
62201-8833 MOLEX-62201-8833 Datasheet
155Kb / 4P
   Impact??Backplane Press-In Tool
12-09-13
ATS-622030480 MOLEX-ATS-622030480 Datasheet
357Kb / 3P
   Impact??Backplane Press-In Tool
12-30-14
ATS-622030585 MOLEX-ATS-622030585 Datasheet
197Kb / 3P
   Impact??Backplane Press-In Tool
10-18-12
0622018873 MOLEX11-0622018873 Datasheet
29Kb / 1P
   Impact Backplane Press-In Tool
62203-0585 MOLEX11-62203-0585 Datasheet
37Kb / 1P
   Impact Backplane Press-In Tool
62201-8978 MOLEX11-62201-8978 Datasheet
27Kb / 1P
   Impact Backplane Press-In Tool
62203-0580 MOLEX-62203-0580 Datasheet
197Kb / 3P
   Impact??Backplane Press-In Tool
04-25-13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com