Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMZB550UNE Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PMZB550UNE
Description  30 V, N-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMZB550UNE Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PMZB550UNE_15 Datasheet HTML 6Page - NXP Semiconductors PMZB550UNE_15 Datasheet HTML 7Page - NXP Semiconductors PMZB550UNE_15 Datasheet HTML 8Page - NXP Semiconductors PMZB550UNE_15 Datasheet HTML 9Page - NXP Semiconductors PMZB550UNE_15 Datasheet HTML 10Page - NXP Semiconductors PMZB550UNE_15 Datasheet HTML 11Page - NXP Semiconductors PMZB550UNE_15 Datasheet HTML 12Page - NXP Semiconductors PMZB550UNE_15 Datasheet HTML 13Page - NXP Semiconductors PMZB550UNE_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
NXP Semiconductors
PMZB550UNE
30 V, N-channel Trench MOSFET
PMZB550UNE
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
25 March 2015
10 / 15
12. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT883B
sot883b_po
11-11-02
12-01-03
Unit
mm
max
nom
min
0.40
0.37
0.34
0.04
0.55
0.50
0.47
0.65
0.60
0.55
1.05
1.00
0.95
0.65
0.30
0.25
0.22
A(1)
Dimensions
Note
1. Including plating thickness
Leadless ultra small plastic package; 3 solder lands; body 1.0 x 0.6 x 0.37 mm
SOT883B
A1
b
0.20
0.15
0.12
b1
D
E
e
0.35
e1
L
0.30
0.25
0.22
L1
scale
L (2x)
E
2
3
1
b (2x)
b1
A1
A
D
L1
0
0.5
1 mm
e1
e
Fig. 19. Package outline DFN1006B-3 (SOT883B)


Similar Part No. - PMZB550UNE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMZB550UNE NEXPERIA-PMZB550UNE Datasheet
712Kb / 15P
   30 V, N-channel Trench MOSFET
More results

Similar Description - PMZB550UNE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMZ550UNE NEXPERIA-PMZ550UNE Datasheet
713Kb / 15P
   30 V, N-channel Trench MOSFET
PMV20XNE NEXPERIA-PMV20XNE Datasheet
720Kb / 15P
   30 V, N-channel Trench MOSFET
logo
NXP Semiconductors
PMZ390UNE PHILIPS-PMZ390UNE_15 Datasheet
221Kb / 14P
   30 V, N-channel Trench MOSFET
12 March 2015
PMZ550UNE PHILIPS-PMZ550UNE_15 Datasheet
224Kb / 15P
   30 V, N-channel Trench MOSFET
25 March 2015
PMPB11EN PHILIPS-PMPB11EN_15 Datasheet
273Kb / 15P
   30 V N-channel Trench MOSFET
14 January 2014
logo
Nexperia B.V. All right...
PMV25ENEA NEXPERIA-PMV25ENEA Datasheet
377Kb / 16P
   30 V, N-channel Trench MOSFET
BUK6D72-30E NEXPERIA-BUK6D72-30E Datasheet
285Kb / 15P
   30 V, N-channel Trench MOSFET
29 April 2019
BUK6D38-30E NEXPERIA-BUK6D38-30E Datasheet
284Kb / 15P
   30 V, N-channel Trench MOSFET
12 April 2019
BUK4D60-30 NEXPERIA-BUK4D60-30 Datasheet
301Kb / 15P
   30 V, N-channel Trench MOSFET
7 July 2020
PMPB15ENE NEXPERIA-PMPB15ENE Datasheet
294Kb / 14P
   30 V, N-channel Trench MOSFET
30 V, N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com