Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3DV642 Datasheet(PDF) 3 Page - Texas Instruments

Part # TS3DV642
Description  TS3DV642 12-Channel 1:2 MUX/DEMUX with 1.8 V Compatible Control and Power-Down Mode
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3DV642 Datasheet(HTML) 3 Page - Texas Instruments

  TS3DV642_15 Datasheet HTML 1Page - Texas Instruments TS3DV642_15 Datasheet HTML 2Page - Texas Instruments TS3DV642_15 Datasheet HTML 3Page - Texas Instruments TS3DV642_15 Datasheet HTML 4Page - Texas Instruments TS3DV642_15 Datasheet HTML 5Page - Texas Instruments TS3DV642_15 Datasheet HTML 6Page - Texas Instruments TS3DV642_15 Datasheet HTML 7Page - Texas Instruments TS3DV642_15 Datasheet HTML 8Page - Texas Instruments TS3DV642_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
29
28
27
26
25
24
23
22
GND
37
36
35
34
33
32
31
30
38
D2-
D3+
D3-
HPD
CEC
SEL1
SEL2
EN
SCL
SDA
D0+
D0-
D1+
D1-
D2+
VCC
D0+B
D0-B
D1+B
D1-B
D2+B
D2-B
D3+B
D3-B
D0-A
D1+A
D1-A
D2+A
D2-A
D3+A
D3-A
NC
D0+A
NC
TS3DV642
www.ti.com
SCDS343C – MAY 2013 – REVISED NOVEMBER 2014
6 Pin Configuration and Functions
QFN Package
42 Pins
Top View
Pin Functions
PIN
I/O Type
DESCRIPTION
NAME
NO.
VCC
1
Power
Supply Voltage
GND
PowerPad
GND
Ground
SEL1
16
I
Select Input 1
SEL2
17
I
Select Input 2
EN
2
I
Output Enable
D0+A
38
I/O
Port A, Channel 0, +ve signal
D0–A
37
I/O
Port A, Channel 0, –ve signal
D1+A
36
I/O
Port A, Channel 1, +ve signal
D1-A
35
I/O
Port A, Channel 1, –ve signal
D2+A
34
I/O
Port A, Channel 2, +ve signal
D2–A
33
I/O
Port A, Channel 2,–ve signal
D3+A
32
I/O
Port A, Channel 3, +ve signal
D3–A
31
I/O
Port A, Channel 3, –ve signal
SCL_A
42
I/O
Port A, DDC Clock
SDA_A
41
I/O
Port A, DDC Data
HPD_A
19
I/O
Port A, Hot Plug Detects
CEC_A
18
I/O
Port A, Consumer Electronics Control
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TS3DV642


Similar Part No. - TS3DV642_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DV642-Q1 TI-TS3DV642-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
TS3DV642A0RUAR TI1-TS3DV642A0RUAR Datasheet
1,019Kb / 17P
[Old version datasheet]   12-Channel 1:2 MUX/DEMUX with1.8V Compatible Control and Power-Down Mode
TS3DV642RUARQ1 TI-TS3DV642RUARQ1 Datasheet
1Mb / 26P
[Old version datasheet]   TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
TS3DV642RUATQ1 TI-TS3DV642RUATQ1 Datasheet
1Mb / 26P
[Old version datasheet]   TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
More results

Similar Description - TS3DV642_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DV642 TI1-TS3DV642 Datasheet
1,019Kb / 17P
[Old version datasheet]   12-Channel 1:2 MUX/DEMUX with1.8V Compatible Control and Power-Down Mode
logo
Pericom Semiconductor C...
PI3L720ZHE PERICOM-PI3L720ZHE Datasheet
563Kb / 10P
   2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Power-down Mode
PI5C33X257 PERICOM-PI5C33X257_05 Datasheet
428Kb / 5P
   12-Channel, 2:1 Mux/DeMux Bus Switch
logo
Texas Instruments
TS3DV642-Q1 TI-TS3DV642-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
logo
ON Semiconductor
NL3HS3124A ONSEMI-NL3HS3124A Datasheet
120Kb / 7P
   3.3 V, 2 Channel, 2:1 Differential Mux/Demux
December, 2016 ??Rev. 1
NCN7200 ONSEMI-NCN7200 Datasheet
123Kb / 10P
   Gigabit Ethernet LAN Switch with 2:1 Mux/ DeMux and Power-down Feature
March, 2011 ??Rev. 2
logo
Texas Instruments
TS3DDR3812 TI-TS3DDR3812 Datasheet
529Kb / 18P
[Old version datasheet]   12-Channel, 1:2 MUX/DEMUX Switch for DDR3 Applications
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
   4 Differential Channel, 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com