Electronic Components Datasheet Search |
|
MAX6502UKP025-T Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
MAX6502UKP025-T Datasheet(HTML) 2 Page - Maxim Integrated Products |
2 / 8 page Low-Cost, +2.7V to +5.5V, Micropower Temperature Switches in SOT23 and TO-220 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS (VCC = +2.7V to +5.5V, RPULL-UP = 100k Ω (MAX6501/MAX6503 only), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Note 1: 100% production tested at TA = +25°C. Specifications over temperature limits are guaranteed by design. Note 2: The MAX6501–MAX6504 are available with internal, factory-programmed temperature trip thresholds from -45°C to +115°C in +10°C increments (see Selector Guide). Note 3: Guaranteed by design. Supply Voltage (VCC) ...............................................-0.3V to +7V TOVER (MAX6501) ...................................................-0.3V to +7V TOVER (MAX6502) .....................................-0.3V to (VCC + 0.3V) TUNDER (MAX6503) ................................................-0.3V to +7V TUNDER (MAX6504) ..................................-0.3V to (VCC + 0.3V) All Other Pins..............................................-0.3V to (VCC + 0.3V) Input Current (all pins) ........................................................20mA Output Current (all pins) .....................................................20mA Continuous Power Dissipation (TA = +70°C) 5-Pin SOT23-5 (derate 7.1mW/°C above +70°C) .........571mW Operating Temperature Range .........................-55°C to +125°C Storage Temperature Range .............................-65°C to +165°C Lead Temperature (soldering, 10sec) .............................+300°C -45°C to -25°C VCC = 2.7V, VTUNDER = 5.5V (MAX6503), VTOVER = 5.5V (MAX6501) -15°C to +15°C HYST = GND ISOURCE = 500µA, VCC > 2.7V (MAX6502/MAX6504 only) ISINK = 1.2mA, VCC > 2.7V CONDITIONS -6 ±0.5 6 µA 30 85 ICC V 2.7 5.5 VCC Supply Voltage Range Supply Current nA 10 Open-Drain Output Leakage Current -4 ±0.5 4 2 THYST Temperature Threshold Hysteresis V 0.8 x VCC 0.3 UNITS MIN TYP MAX SYMBOL PARAMETER +35°C to +65°C +75°C to +115°C -4 ±0.5 4 °C -6 ±0.5 6 ∆TTH Temperature Threshold Accuracy (Note 2) V 0.2 x VCC VIL HYST Input Threshold (Note 3) 0.8 x VCC VIH ISINK = 3.2mA, VCC > 4.5V V 0.4 VOL Output Voltage Low HYST = VCC 10 °C ISOURCE = 800µA, VCC > 4.5V (MAX6502/MAX6504 only) VCC - 1.5 VOH Output Voltage High |
Similar Part No. - MAX6502UKP025-T |
|
Similar Description - MAX6502UKP025-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |