Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHP4014-98F Datasheet(PDF) 8 Page - United Monolithic Semiconductors

Part # CHP4014-98F
Description  5-6GHz 6-bit Phase-Shifter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHP4014-98F Datasheet(HTML) 8 Page - United Monolithic Semiconductors

Back Button CHP4014-98F Datasheet HTML 2Page - United Monolithic Semiconductors CHP4014-98F Datasheet HTML 3Page - United Monolithic Semiconductors CHP4014-98F Datasheet HTML 4Page - United Monolithic Semiconductors CHP4014-98F Datasheet HTML 5Page - United Monolithic Semiconductors CHP4014-98F Datasheet HTML 6Page - United Monolithic Semiconductors CHP4014-98F Datasheet HTML 7Page - United Monolithic Semiconductors CHP4014-98F Datasheet HTML 8Page - United Monolithic Semiconductors CHP4014-98F Datasheet HTML 9Page - United Monolithic Semiconductors CHP4014-98F Datasheet HTML 10Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CHP4014-98F
5-6GHz 6-bit Phase-Shifter
Ref. DSCHP40142012 -12 Jan 12
8/10
Specifications subject to change without notice
Bat. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Bonding recommendations
Port
Connection
IN (1)
OUT (9)
Inductance (Lbonding) = 0.3nH
one wire: diameter 25µm, length 0.4mm
DC and Interface pads
Inductance (Lbonding) = 0.8nH
one wire: diameter 25µm, length 1.0mm
Recommended assembly diagram
IN
100pF
OUT
-V
+V


Similar Part No. - CHP4014-98F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHP4014-QEG UMS-CHP4014-QEG Datasheet
579Kb / 10P
   5-6GHz 6-bit Phase-Shifter
More results

Similar Description - CHP4014-98F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHP4014-QEG UMS-CHP4014-QEG Datasheet
579Kb / 10P
   5-6GHz 6-bit Phase-Shifter
logo
M/A-COM Technology Solu...
MAPS-011008 MA-COM-MAPS-011008 Datasheet
641Kb / 7P
   Digital Phase Shifter 6-Bit, 5 - 6 GHz
logo
Merrimac Industries, In...
PTM-64A-10B MERRIMAC-PTM-64A-10B Datasheet
177Kb / 1P
   6-Bit DIGITAL PHASE SHIFTER
logo
United Monolithic Semic...
CHP1102-98F UMS-CHP1102-98F_15 Datasheet
679Kb / 10P
   S-Band 6-bit Phase Shifter
CHP1102-QGG UMS-CHP1102-QGG Datasheet
1Mb / 16P
   S-Band 6-bit Phase Shifter
logo
TriQuint Semiconductor
TGP2102 TRIQUINT-TGP2102_15 Datasheet
377Kb / 9P
   35 GHz 5-Bit Phase Shifter
TGP2102-EPU TRIQUINT-TGP2102-EPU Datasheet
238Kb / 9P
   35 GHz 5-Bit Phase Shifter
TGP2100 TRIQUINT-TGP2100_15 Datasheet
368Kb / 9P
   30 GHz 5-Bit Phase Shifter
TGP2100-EPU TRIQUINT-TGP2100-EPU Datasheet
221Kb / 9P
   30 GHz 5-Bit Phase Shifter
QPC2108 TRIQUINT-QPC2108 Datasheet
709Kb / 12P
   2.5-4GHz 6-Bit Digital Phase Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com