Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLCC6-0.5W-W3 Datasheet(PDF) 9 Page - HB Electronic Components

Part # PLCC6-0.5W-W3
Description  Lens Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC6-0.5W-W3 Datasheet(HTML) 9 Page - HB Electronic Components

Back Button PLCC6-0.5W-W3 Datasheet HTML 4Page - HB Electronic Components PLCC6-0.5W-W3 Datasheet HTML 5Page - HB Electronic Components PLCC6-0.5W-W3 Datasheet HTML 6Page - HB Electronic Components PLCC6-0.5W-W3 Datasheet HTML 7Page - HB Electronic Components PLCC6-0.5W-W3 Datasheet HTML 8Page - HB Electronic Components PLCC6-0.5W-W3 Datasheet HTML 9Page - HB Electronic Components PLCC6-0.5W-W3 Datasheet HTML 10Page - HB Electronic Components PLCC6-0.5W-W3 Datasheet HTML 11Page - HB Electronic Components PLCC6-0.5W-W3 Datasheet HTML 12Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9.2 Specification of Packing/包装规格
195mm
85mm
195mm
4 Bags / Box
=>4,000 pcs / Box
(Anti-Static Shielding/抗静电保护袋)
Thickness/厚度: T=0.1 mm
=> 1 Reel / Bag
=>1000 pcs / Reel
Width/宽度 : 17 mm
Diameter/直径 : 178 mm
Hebei I.T. (Shanghai) Co., Ltd.
型号: PLCC6-0.5W-W3
Page 9 of 12
www.ledz.com


Similar Part No. - PLCC6-0.5W-W3

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
PLCC6-0.5W-W6 HB-PLCC6-0.5W-W6 Datasheet
938Kb / 12P
   Lens Type
More results

Similar Description - PLCC6-0.5W-W3

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
PLCC2835-W3-1W HB-PLCC2835-W3-1W Datasheet
965Kb / 8P
   Lens Type
PLCC6-0.5W-W6 HB-PLCC6-0.5W-W6 Datasheet
938Kb / 12P
   Lens Type
logo
Rohm
CSL0901 ROHM-CSL0901 Datasheet
1Mb / 8P
   Lens Type LED
logo
Panasonic Semiconductor
LNJ318C8TRU1 PANASONIC-LNJ318C8TRU1 Datasheet
29Kb / 1P
   Dome-Lens Type
LNJ218C8ARU1 PANASONIC-LNJ218C8ARU1 Datasheet
29Kb / 1P
   Dome-Lens Type
LNJ318C8TRU PANASONIC-LNJ318C8TRU Datasheet
29Kb / 1P
   Dome-Lens Type
logo
KODENSHI_AUK CORP.
SM2333T KODENSHI-SM2333T Datasheet
276Kb / 3P
   Colorless transparency lens type
SYB5670 KODENSHI-SYB5670 Datasheet
301Kb / 3P
   Milky Diffusion lens type
SI5311-H KODENSHI-SI5311-H Datasheet
221Kb / 4P
   Colorless transparency lens type
SI5312-H KODENSHI-SI5312-H Datasheet
226Kb / 4P
   Colorless transparency lens type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com