Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLCC2W6-0.1W Datasheet(PDF) 4 Page - HB Electronic Components

Part # PLCC2W6-0.1W
Description  Compatible with automatic placement equipment
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC2W6-0.1W Datasheet(HTML) 4 Page - HB Electronic Components

  PLCC2W6-0.1W Datasheet HTML 1Page - HB Electronic Components PLCC2W6-0.1W Datasheet HTML 2Page - HB Electronic Components PLCC2W6-0.1W Datasheet HTML 3Page - HB Electronic Components PLCC2W6-0.1W Datasheet HTML 4Page - HB Electronic Components PLCC2W6-0.1W Datasheet HTML 5Page - HB Electronic Components PLCC2W6-0.1W Datasheet HTML 6Page - HB Electronic Components PLCC2W6-0.1W Datasheet HTML 7Page - HB Electronic Components PLCC2W6-0.1W Datasheet HTML 8Page - HB Electronic Components PLCC2W6-0.1W Datasheet HTML 9Page - HB Electronic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Bin range of Chromaticity Coordinates (tolerance is ±0.005 @ IF=30mA):
Code
CCT(K)
X
Y
Code
CCT(K)
X
Y
D01
6500~7000
0.3000
0.3469
D02
65000~7000
0.3017
0.3389
0.3091
0.3563
0.3103
0.3476
0.3103
0.3476
0.3114
0.3390
0.3017
0.3389
0.3033
0.3308
D03
6500~7000
0.3033
0.3308
D04
6500~7000
0.3050
0.3227
0.3114
0.3390
0.3126
0.3303
0.3126
0.3303
0.3138
0.3216
0.3050
0.3227
0.3067
0.3146
D05
6500~7000
0.3067
0.3146
D06
6500~7000
0.3083
0.3065
0.3138
0.3216
0.3149
0.3129
0.3149
0.3129
0.3161
0.3041
0.3083
0.3065
0.3100
0.2983
D07
6000~6500
0.3091
0.3563
D08
6000~6500
0.3103
0.3476
0.3196
0.3666
0.3203
0.3574
0.3203
0.3574
0.3209
0.3481
0.3103
0.3476
0.3114
0.3390
D09
6000~6500
0.3114
0.3390
D10
6000~6500
0.3126
0.3303
0.3209
0.3481
0.3215
0.3387
0.3215
0.3387
0.3222
0.3294
0.3126
0.3303
0.3138
0.3216
D11
6000~6500
0.3138
0.3216
D12
6000~6500
0.3149
0.3129
0.3222
0.3294
0.3228
0.3200
0.3228
0.3200
0.3234
0.3107
0.3149
0.3129
0.3161
0.3041
D13
5700~600
0.3196
0.3666
D14
5700~6000
0.3203
0.3574
0.3287
0.3748
0.3288
0.3650
0.3288
0.3650
0.3289
0.3552
0.3203
0.3574
0.3209
0.3481
D15
5700~6000
0.3209
0.3481
D16
5700~6000
0.3215
0.3387
0.3289
0.3552
0.3290
0.3453
0.3290
0.3453
0.3291
0.33354
0.3215
0.3387
0.3222
0.3294
D17
5700~6000
0.3222
0.3294
D18
5700~6000
0.3228
0.3200
0.3291
0.3354
0.3292
0.3255
0.3292
0.3255
0.3293
0.3156
0.3228
0.3200
0.3234
0.3107
Technical Data Sheet
Top View LED
Hebei I.T. (Shanghai) Co., Ltd.
Part No: PLCC2W6-0.1W
Prepared date:Apr. 2012
www.ledz.com
Rev.:0
Page 4 of 11


Similar Part No. - PLCC2W6-0.1W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PLCC20 STMICROELECTRONICS-PLCC20 Datasheet
31Kb / 2P
   PLCC 20
logo
Adam Technologies, Inc.
PLCC20AG ADAM-TECH-PLCC20AG Datasheet
120Kb / 1P
   PLCC SOCKETS
PLCC20AGSMT ADAM-TECH-PLCC20AGSMT Datasheet
120Kb / 1P
   PLASTIC LEADED CHIP CARRIER SOCKET SURFACE MOUNT
PLCC20AT ADAM-TECH-PLCC20AT Datasheet
120Kb / 1P
   PLCC SOCKETS
PLCC20ATSMT ADAM-TECH-PLCC20ATSMT Datasheet
120Kb / 1P
   PLASTIC LEADED CHIP CARRIER SOCKET SURFACE MOUNT
More results

Similar Description - PLCC2W6-0.1W

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSBFB1M00J58-R0 MURATA-CSBFB1M00J58-R0 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB1M00J58-R1 MURATA-CSBFB1M00J58-R1 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB1M02J58-R1 MURATA-CSBFB1M02J58-R1 Datasheet
183Kb / 3P
   compatible with automatic placement equipment
CSBFB1M22J58-R1 MURATA-CSBFB1M22J58-R1 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB455KJ58-B0 MURATA-CSBFB455KJ58-B0 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
logo
Everlight Electronics C...
EAST16084BA2 EVERLIGHT-EAST16084BA2 Datasheet
270Kb / 9P
   Compatible with automatic placement equipment.
EAST10102RGBA0 EVERLIGHT-EAST10102RGBA0 Datasheet
433Kb / 13P
   Compatible with automatic placement equipment.
EAST1616RGBA0 EVERLIGHT-EAST1616RGBA0 Datasheet
245Kb / 13P
   Compatible with automatic placement equipment.
EAST16086WA0 EVERLIGHT-EAST16086WA0 Datasheet
313Kb / 11P
   Compatible with automatic placement equipment.
EAST1005RA3 EVERLIGHT-EAST1005RA3 Datasheet
586Kb / 10P
   Compatible with automatic placement equipment.
EAST2012BA4 EVERLIGHT-EAST2012BA4 Datasheet
292Kb / 10P
   Compatible with automatic placement equipment.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com