Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4937 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # 1N4937
Description  1 Amp Fast Recovery Rectifier 50 - 600 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4937 Datasheet(HTML) 3 Page - Micro Commercial Components

  1N4937 Datasheet HTML 1Page - Micro Commercial Components 1N4937 Datasheet HTML 2Page - Micro Commercial Components 1N4937 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1N4933 thru 1N4937
Figure 6
Reverse Recovery Time Characteristic And Test Circuit Diagram
Figure 4
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - MicroAmperesversus
Percent Of Rated Peak Reverse Voltage - Volts
Volts
4
6
20
10
µAmps
20
120
40
60
80
100
.01
.02
.04
.06
.1
.2
.4
.6
1
2
TA=25
°C
40
60
100
140
TA=100
°C
1
100
4
0
10
5
20
30
8
Figure 5
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
40
50
60
www.mccsemi.com
MCC


Similar Part No. - 1N4937

ManufacturerPart #DatasheetDescription
logo
Semikron International
1N4937 SEMIKRON-1N4937 Datasheet
144Kb / 2P
   Fast silicon rectifier diodes
logo
HY ELECTRONIC CORP.
1N4937 HY-1N4937 Datasheet
827Kb / 3P
   Fast Recovery Recitifiers
logo
Motorola, Inc
1N4937 MOTOROLA-1N4937 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Gaomi Xinghe Electronic...
1N4937 GXELECTRONICS-1N4937 Datasheet
325Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Weitron Technology
1N4937 WEITRON-1N4937 Datasheet
1Mb / 3P
   Axial Lead Fast Recovery Rectifier REVERSE VOLTAGE 50-600 VOLTS FORWARD CURRENT 1.0 AMPERE
More results

Similar Description - 1N4937

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
1N4933-DO41 YFWDIODE-1N4933-DO41 Datasheet
500Kb / 3P
   1 Amp Fast Recovery Rectifier 50 - 600 Volts
logo
Micro Commercial Compon...
SM4933 MCC-SM4933_13 Datasheet
343Kb / 4P
   1 Amp Fast Recovery Rectifier 50 - 600 Volts
SM4933 MCC-SM4933 Datasheet
266Kb / 4P
   1 Amp Fast Recovery Rectifier 50 - 600 Volts
logo
DONGGUAN YOU FENG WEI E...
1N4933 YFWDIODE-1N4933 Datasheet
198Kb / 3P
   1 Amp Fast Recovery Rectifier 50 - 600 Volts
logo
Micro Commercial Compon...
SM4933A MCC-SM4933A Datasheet
324Kb / 4P
   1 Amp Fast Recovery Rectifier 50 - 600 Volts
1N4933 MCC-1N4933_13 Datasheet
537Kb / 4P
   1 Amp Fast Recovery Rectifier 50 - 600 Volts
1N4933 MCC-1N4933_11 Datasheet
518Kb / 4P
   1 Amp Fast Recovery Rectifier 50 - 600 Volts
1N4933GP MCC-1N4933GP Datasheet
164Kb / 3P
   1 Amp Glass Passivated Fast Recovery Rectifier 50 - 600 Volts
ER1A-L MCC-ER1A-L Datasheet
285Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ES1B-LTP MCC-ES1B-LTP Datasheet
302Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com