Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF909 Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF909
Description  N-channel dual gate MOS-FETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF909 Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF909_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NXP Semiconductors
Product specification
N-channel dual gate MOS-FETs
BF909; BF909R
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on a printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
7V
ID
drain current
40
mA
IG1
gate 1 current
−±10
mA
IG2
gate 2 current
−±10
mA
Ptot
total power dissipation
see Fig.3
BF909
up to Tamb =50 °C; note 1 −
200
mW
BF909R
up to Tamb =40 °C; note 1 −
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
150
°C
Fig.3 Power derating curves.
handbook, halfpage
0
50
100
200
250
0
200
MLB935
150
150
100
50
Ptot
(mW)
T
( C)
amb
o
BF909R
BF909
Rev. 02 - 19 November 2007
3 of 12


Similar Part No. - BF909_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF909A NXP-BF909A Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF909AR NXP-BF909AR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF909AWR NXP-BF909AWR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF909R PHILIPS-BF909R Datasheet
148Kb / 11P
   N-channel dual gate MOS-FETs
1995 Apr 25
BF909R NXP-BF909R Datasheet
320Kb / 12P
   N-channel dual gate MOS-FETs
Rev. 02-19 November 2007
More results

Similar Description - BF909_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com