Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6381XS30D2-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6381XS30D2-T
Description  SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6381XS30D2-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6381XS30D2-T Datasheet HTML 1Page - Maxim Integrated Products MAX6381XS30D2-T Datasheet HTML 2Page - Maxim Integrated Products MAX6381XS30D2-T Datasheet HTML 3Page - Maxim Integrated Products MAX6381XS30D2-T Datasheet HTML 4Page - Maxim Integrated Products MAX6381XS30D2-T Datasheet HTML 5Page - Maxim Integrated Products MAX6381XS30D2-T Datasheet HTML 6Page - Maxim Integrated Products MAX6381XS30D2-T Datasheet HTML 7Page - Maxim Integrated Products MAX6381XS30D2-T Datasheet HTML 8Page - Maxim Integrated Products MAX6381XS30D2-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SC70, Single/Dual Low-Voltage,
Low-Power µP Reset Circuits
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = full range, TA = -40°C to +125°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..........................................................-0.3V to +6.0V
RESET Open-Drain Output....................................-0.3V to +6.0V
RESET, RESET (Push-Pull Output) .............-0.3V to (VCC + 0.3V)
MR, RESET IN.............................................-0.3V to (VCC + 0.3V)
Input Current (VCC) .............................................................20mA
Output Current (All Pins) .....................................................20mA
Continuous Power Dissipation (TA = +70°C)
3-Pin SC70 (derate 2.9mW/°C above +70°C)........235mW
4-Pin SC70 (derate 3.1mW/°C above +70°C)........245mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VCC
1.0
5.5
V
VCC = 5.5V, no load
7
13
VCC = 3.6V, no load
6
11
VCC = 2.5V, no load
4
7
VCC Supply Current
ICC
VCC = 1.8V, no load
3
6
µA
TA = +25°C
VTH -
1.5%
VTH
VTH +
1.5%
VCC Reset Threshold
(See Reset Thresholds table)
VTH
TA = -40°C to +125°C
VTH -
2.5%
VTH
VTH +
2.5%
V
Reset Threshold Tempco
∆VTH/°C
60
ppm
/°C
VCC to Reset Delay
VCC falling at 10mV/µs from VTH + 100mV
to VTH - 100mV
35
µs
D1
1
2
D2
20
40
D3
140
280
D5
280
560
D6
560
1120
D4
1120
2240
Reset Timeout Period
MAX6381–MAX6389
(See Reset Timeout table)
tRP
D7
1200
2400
ms
D4
140
280
MR timeout period
D7
150
300
D4
1120
2240
Reset Timeout Period
MAX6390
tRP
VCC timeout period
D7
1200
2400
ms
VIL
0.3
VCC
VIH
VTH < 4V
0.7
VCC
VIL
0.8
MR Input Voltage
VIH
VTH > 4V
2.4
V


Similar Part No. - MAX6381XS30D2-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6381XR MAXIM-MAX6381XR Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6381XR__D/V+T MAXIM-MAX6381XR__D/V+T Datasheet
327Kb / 10P
   SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Rev 5; 7/12
MAX6381XR__D_+T MAXIM-MAX6381XR__D_+T Datasheet
327Kb / 10P
   SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Rev 5; 7/12
More results

Similar Description - MAX6381XS30D2-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6381 MAXIM-MAX6381_07 Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6381_V5 MAXIM-MAX6381_V5 Datasheet
327Kb / 10P
   SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Rev 5; 7/12
MAX6832 MAXIM-MAX6832 Datasheet
197Kb / 11P
   Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Rev 1; 1/02
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
MAX6412 MAXIM-MAX6412_10 Datasheet
146Kb / 12P
   Low-Power, Single/Dual-Voltage 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 3; 3/10
MAX6340 MAXIM-MAX6340_V01 Datasheet
1Mb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
2018
MAX6340 MAXIM-MAX6340 Datasheet
240Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 2; 10/02
MAX6340 MAXIM-MAX6340_05 Datasheet
254Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 4; 12/05
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com