Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMZ600UNE Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMZ600UNE
Description  20 V, N-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMZ600UNE Datasheet(HTML) 4 Page - NXP Semiconductors

  PMZ600UNE_15 Datasheet HTML 1Page - NXP Semiconductors PMZ600UNE_15 Datasheet HTML 2Page - NXP Semiconductors PMZ600UNE_15 Datasheet HTML 3Page - NXP Semiconductors PMZ600UNE_15 Datasheet HTML 4Page - NXP Semiconductors PMZ600UNE_15 Datasheet HTML 5Page - NXP Semiconductors PMZ600UNE_15 Datasheet HTML 6Page - NXP Semiconductors PMZ600UNE_15 Datasheet HTML 7Page - NXP Semiconductors PMZ600UNE_15 Datasheet HTML 8Page - NXP Semiconductors PMZ600UNE_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
NXP Semiconductors
PMZ600UNE
20 V, N-channel Trench MOSFET
PMZ600UNE
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
26 June 2014
4 / 15
aaa-012964
VDS (V)
10-1
102
10
1
1
10-1
10
ID
(A)
10-2
DC; Tsp = 25 °C
DC; Tamb = 25 °C;
drain mounting pad 1 cm2
tp = 1 ms
tp = 10 ms
tp = 100 ms
Limit RDSon = VDS/ID
tp = 100 µs
IDM = single pulse
Fig. 3. Safe operating area; junction to ambient; continuous and peak drain currents as a function of drain-
source voltage
9. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
[1]
-
305
360
K/W
Rth(j-a)
thermal resistance
from junction to
ambient
in free air
[2]
-
150
175
K/W
Rth(j-sp)
thermal resistance
from junction to solder
point
-
-
40
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for drain 1 cm2.


Similar Part No. - PMZ600UNE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMZ600UNEL NEXPERIA-PMZ600UNEL Datasheet
726Kb / 15P
   20 V, N-channel Trench MOSFET
More results

Similar Description - PMZ600UNE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMV16XN NEXPERIA-PMV16XN Datasheet
724Kb / 15P
   20 V, N-channel Trench MOSFET
PMV30UN2 NEXPERIA-PMV30UN2 Datasheet
733Kb / 15P
   20 V, N-channel Trench MOSFET
logo
NXP Semiconductors
PMXB43UNE PHILIPS-PMXB43UNE_15 Datasheet
253Kb / 15P
   20 V, N-channel Trench MOSFET
19 September 2013
PMV16XN PHILIPS-PMV16XN_15 Datasheet
263Kb / 15P
   20 V, N-channel Trench MOSFET
11 November 2014
PMZB150UNE PHILIPS-PMZB150UNE_15 Datasheet
228Kb / 15P
   20 V, N-channel Trench MOSFET
24 March 2015
logo
Nexperia B.V. All right...
PMZ600UNE NEXPERIA-PMZ600UNE Datasheet
726Kb / 15P
   20 V, N-channel Trench MOSFET
PMCM4401UNE NEXPERIA-PMCM4401UNE Datasheet
269Kb / 15P
   20 V, N-channel Trench MOSFET
PMCM6501UNE NEXPERIA-PMCM6501UNE Datasheet
390Kb / 15P
   20 V, N-channel Trench MOSFET
PMPB23XNEA NEXPERIA-PMPB23XNEA Datasheet
299Kb / 14P
   20 V, N-channel Trench MOSFET
27 March 2018
BUK4D16-20 NEXPERIA-BUK4D16-20 Datasheet
318Kb / 15P
   20 V, N-channel Trench MOSFET
29 March 2021
logo
NXP Semiconductors
PMZ130UNE NXP-PMZ130UNE Datasheet
233Kb / 14P
   20 V, N-channel Trench MOSFET
12 March 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com