Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXL1013M Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MXL1013M
Description  Dual/Quad Precision Op Amps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXL1013M Datasheet(HTML) 4 Page - Maxim Integrated Products

  MXL1013M Datasheet HTML 1Page - Maxim Integrated Products MXL1013M Datasheet HTML 2Page - Maxim Integrated Products MXL1013M Datasheet HTML 3Page - Maxim Integrated Products MXL1013M Datasheet HTML 4Page - Maxim Integrated Products MXL1013M Datasheet HTML 5Page - Maxim Integrated Products MXL1013M Datasheet HTML 6Page - Maxim Integrated Products MXL1013M Datasheet HTML 7Page - Maxim Integrated Products MXL1013M Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Dual/Quad Precision Op Amps
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (Note 1)
(VS = ±15V, VCM = 0V, TA = -40°C to +85°C for MXL1013I and MXL1014I, TA = 0°C to +70°C for MXL1013C/D and MXL1014C/D,
unless otherwise noted.)
Power-Supply Rejection Ratio
PSRR
MXL1013C/D/I
MXL1014C/D/I
MIN
TYP
MAX
VS = ±2V to ±18V
Input Offset Voltage
VOS
MXL101_C
80
400
µV
Input Bias Current
IB
nA
VS = 5V, 0V; VO = 1.4V
MXL101_D/I:
VS = 5V, 0V; VO =1.4V
280
1200
Input Offset-Voltage Drift
TCVOS
0.7
5.0
µV/°C
PARAMETER
SYMBOL
CONDITIONS
UNITS
97
116
dB
Output low
Output Voltage Swing
VOUT
RL = 2kΩ
±12.0
±13.9
mV
Supply Current per Amplifier
IS
VS = 5V, 0V, VO = 1.4V
0.37
0.60
mA
MXL101_C:
VS = 5V, 0V, VO = 1.4V
110
570
Input Offset Current
IOS
nA
MXL101_D/I
230
1000
0.5
6.0
VS = 5V,0V,
RL = 600Ω
613
24
90
Common-Mode Rejection Ratio
CMRR
VCM = +13.0V, -15.0V
94
113
dB
3.2
3.9
Output high
0.34
0.55
(Note 2)
0.4
2.5
VS = 5V, 0V; VO = 1.4V
MXL101_D/I (Note 2)
V
V
Large-Signal Voltage Gain
AVOL
0.7
4.0
V/µV
0.3
2.8
16
38
VO = ±10V, RL = 2kΩ


Similar Part No. - MXL1013M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXL1016 MAXIM-MXL1016 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MXL1016-MXL1116 MAXIM-MXL1016-MXL1116 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MXL1016CN8 MAXIM-MXL1016CN8 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MXL1016CS8 MAXIM-MXL1016CS8 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MXL1016MJ8 MAXIM-MXL1016MJ8 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
More results

Similar Description - MXL1013M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1124 LINER-LT1124 Datasheet
227Kb / 16P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Maxim Integrated Produc...
MXL1178 MAXIM-MXL1178 Datasheet
265Kb / 8P
   17uA Max, Dual/Quad, Single-Supply, Precision Op Amps
19-0104; Rev 1; 8/94
logo
Linear Technology
LT1722 LINER-LT1722 Datasheet
326Kb / 16P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1112 LINER-LT1112 Datasheet
369Kb / 12P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1112 LINER-LT1112_15 Datasheet
345Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1079 LINER-LT1079_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
   36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
logo
Linear Technology
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com