Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHM1483-QFG Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHM1483-QFG
Description  12-16GHz Direct Quadrature Modulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHM1483-QFG Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHM1483-QFG Datasheet HTML 1Page - United Monolithic Semiconductors CHM1483-QFG Datasheet HTML 2Page - United Monolithic Semiconductors CHM1483-QFG Datasheet HTML 3Page - United Monolithic Semiconductors CHM1483-QFG Datasheet HTML 4Page - United Monolithic Semiconductors CHM1483-QFG Datasheet HTML 5Page - United Monolithic Semiconductors CHM1483-QFG Datasheet HTML 6Page - United Monolithic Semiconductors CHM1483-QFG Datasheet HTML 7Page - United Monolithic Semiconductors CHM1483-QFG Datasheet HTML 8Page - United Monolithic Semiconductors CHM1483-QFG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
12-16GHz Direct Quadrature Modulator
CHM1483-QFG
Ref. : DSCHM1483-QFG2305 - 31 Oct 12
3/10
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Absolute Maximum Ratings
(1)
Tamb.= +25°C
Symbol
Parameter
Values
Unit
VDx
Drain bias voltage
4.5
V
Idq
DC quiescent current
120
mA
VG
Gate bias voltage
-2 to +0.4
V
Tj
Junction temperature
175
°C
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +150
°C
(1) Operation of this device above anyone of these parameters may cause permanent
damage.
Typical Bias Conditions
Tamb.= +25°C
Symbol
Pad N
o
Parameter
Values
Unit
VD1
9
Drain 1 bias voltage
4
V
VD2
10
Drain 2 bias voltage
4
V
VD3
11
Drain 3 bias voltage
4
V
VG
27
Mixer gate bias voltage
-0.7
V


Similar Part No. - CHM1483-QFG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHM1483-QFG UMS-CHM1483-QFG Datasheet
471Kb / 10P
   12-16GHz Direct Quadrature Modulator
More results

Similar Description - CHM1483-QFG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHM1483-QFG UMS-CHM1483-QFG Datasheet
471Kb / 10P
   12-16GHz Direct Quadrature Modulator
logo
RF Micro Devices
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
   DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
   DIRECT QUADRATURE MODULATOR
RFMD0014 RFMD-RFMD0014 Datasheet
2Mb / 10P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_1 Datasheet
340Kb / 12P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484 Datasheet
156Kb / 10P
   DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com