Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXL1013I Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MXL1013I
Description  Dual/Quad Precision Op Amps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXL1013I Datasheet(HTML) 5 Page - Maxim Integrated Products

  MXL1013I Datasheet HTML 1Page - Maxim Integrated Products MXL1013I Datasheet HTML 2Page - Maxim Integrated Products MXL1013I Datasheet HTML 3Page - Maxim Integrated Products MXL1013I Datasheet HTML 4Page - Maxim Integrated Products MXL1013I Datasheet HTML 5Page - Maxim Integrated Products MXL1013I Datasheet HTML 6Page - Maxim Integrated Products MXL1013I Datasheet HTML 7Page - Maxim Integrated Products MXL1013I Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Dual/Quad Precision Op Amps
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (Note 1)
(VS = ±15V, VCM = 0V, TA = -55°C to +125°C, unless otherwise noted.)
Power-Supply
Rejection Ratio
MXL1013AM
MIN
TYP
MAX
PSRR
VS = ±2V to ±18V
Input Offset
Voltage
VOS
80
300
µV
Input Bias
Current
IB
15
30
nA
VS = 5V, 0V; VO = 1.4V
250
900
Input Offset-
Voltage Drift
TCVOS
(Note 2)
0.4
2.0
µV/°C
20
80
Large-Signal
Voltage Gain
AVOL
VO = ±10V,
RL = 2kΩ
0.5
2.0
V/µV
PARAMETER SYMBOL
CONDITIONS
UNITS
100
117
dB
Output low
Output
Voltage
Swing
VOUT
RL = 2kΩ
±12.0 ±13.8
V
Supply
Current
per Amplifier
IS
0.38
0.60
mA
VS =
5V, 0V,
VO =
1.4V
120
450
Input Offset
Current
IOS
0.3
2.5
nA
VS = 5V, 0V; VO = 1.4V
80
450
0.6
6.0
0.34
0.55
615
Common-
Mode
Rejection Ratio
CMRR
VCM = +13.0V, -14.9V
97
114
dB
VS =
5V,0V,
RL =
600
to
ground
3.2
3.8
Output high
V
VS = 5V, 0V; VO = 1.4V
Note 1: When amplifier is sinking current at the output, a minimum load of 1k
Ω is recommended.
Note 2: Guaranteed by design.
Note 3: This parameter is guaranteed by design and is not tested.
TA = -55°C to
+100°C (Note 3)
TA = +125°C,
VCM = 0.1V
TA = +125°C,
VCM = 0V
mV
MXL1014AM
MIN
TYP
MAX
90
350
15
30
300
960
0.4
2.0
25
90
0.4
2.0
100
117
±12.0 ±13.8
0.38
0.60
150
480
0.3
2.8
90
480
0.7
7.0
0.34
0.55
615
96
114
3.2
3.8
MXL1013M
MXL1014M
MIN
TYP
MAX
110
550
18
45
400
1500
0.5
2.5
28
120
0.25
2.0
97
116
±11.5 ±13.8
0.38
0.70
200
750
0.4
5.0
100
750
0.9
10.0
0.34
0.65
618
94
113
3.1
3.8


Similar Part No. - MXL1013I

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXL1016 MAXIM-MXL1016 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MXL1016-MXL1116 MAXIM-MXL1016-MXL1116 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MXL1016CN8 MAXIM-MXL1016CN8 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MXL1016CS8 MAXIM-MXL1016CS8 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MXL1016MJ8 MAXIM-MXL1016MJ8 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
More results

Similar Description - MXL1013I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1124 LINER-LT1124 Datasheet
227Kb / 16P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Maxim Integrated Produc...
MXL1178 MAXIM-MXL1178 Datasheet
265Kb / 8P
   17uA Max, Dual/Quad, Single-Supply, Precision Op Amps
19-0104; Rev 1; 8/94
logo
Linear Technology
LT1722 LINER-LT1722 Datasheet
326Kb / 16P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1112 LINER-LT1112 Datasheet
369Kb / 12P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1112 LINER-LT1112_15 Datasheet
345Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1079 LINER-LT1079_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
   36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
logo
Linear Technology
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com