Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXL1013C Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MXL1013C
Description  Dual/Quad Precision Op Amps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXL1013C Datasheet(HTML) 2 Page - Maxim Integrated Products

  MXL1013C Datasheet HTML 1Page - Maxim Integrated Products MXL1013C Datasheet HTML 2Page - Maxim Integrated Products MXL1013C Datasheet HTML 3Page - Maxim Integrated Products MXL1013C Datasheet HTML 4Page - Maxim Integrated Products MXL1013C Datasheet HTML 5Page - Maxim Integrated Products MXL1013C Datasheet HTML 6Page - Maxim Integrated Products MXL1013C Datasheet HTML 7Page - Maxim Integrated Products MXL1013C Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ABSOLUTE MAXIMUM RATINGS
Supply Voltage.....................................................................±22V
Input Voltage ............................Equal to Positive Supply Voltage
........................5V Below Negative Supply Voltage
Output Short-Circuit Duration.....................................Continuous
Differential Input Voltage .....................................................±30V
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C)......727mW
8-Pin SO (derate 5.88mW/°C above +70°C) ..................471mW
8-Pin CERDIP (derate 8.00mW/°C above +70°C) ..........640mW
14-Pin Plastic DIP (derate 10.00mW/°C above +70°C)..800mW
14-Pin CERDIP (derate 9.09mW/°C above +70°C) ........727mW
16-Pin Wide SO (derate 9.52mW/°C above +70°C).......762mW
Operating Temperature Ranges:
MXL1013/MXL1014C_ ........................................0°C to +70°C
MXL1013/MXL1014I_.......................................-40°C to +85°C
MXL1013/MXL1014AM_,M_ ..........................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
ELECTRICAL CHARACTERISTICS (Note 1)
(VS = ±15V, VCM = 0V, TA = +25°C, unless otherwise noted.)
Dual/Quad Precision Op Amps
2
_______________________________________________________________________________________
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Input Resistance
(Note 2)
MXL1013AM
MXL1014AM
MIN
TYP
MAX
MXL1013C/D/I/M
MXL1014C/D/I/M
MIN
TYP
MAX
Common mode
Input Offset Voltage
VOS
MXL1013
40
150
60
300
µV
0.4
0.5
µV/Mo.
Input Offset Current
IOS
0.15
0.80
0.2
1.5
nA
Input Bias Current
IB
12
20
15
30
nA
Input Noise Voltage
en
0.1Hz to 10Hz
0.55
µVp-p
in
fO = 10Hz
0.07
0.07
pA/
√Hz
100
400
PARAMETER
SYMBOL
CONDITIONS
UNITS
70
300
M
Large-Signal Voltage
Gain
AVOL
VO = ±10V, RL = 2kΩ
1.5
8.0
1.2
7.0
Input Voltage Range
+13.5
+13.8
+13.5
+13.8
V
Common-Mode Rejection
Ratio
CMRR
VCM = +13.5V, -15.0V
100
117
97
114
dB
MXL101_D/I
200
800
Input Noise-Voltage
Density
en
fO = 10Hz
24
24
nV/
√Hz
fO = 1000Hz
MXL1014
50
180
22
22
5
4
G
-15.0
-15.3
-15.0
-15.3
VO = ±10V, RL = 600Ω
0.8
2.5
0.5
2.0
V/µV
0.55
60
300
Long-Term Input Offset
Voltage Stability
Input Noise-Current
Density
Differential


Similar Part No. - MXL1013C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXL1016 MAXIM-MXL1016 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MXL1016-MXL1116 MAXIM-MXL1016-MXL1116 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MXL1016CN8 MAXIM-MXL1016CN8 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MXL1016CS8 MAXIM-MXL1016CS8 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MXL1016MJ8 MAXIM-MXL1016MJ8 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
More results

Similar Description - MXL1013C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1124 LINER-LT1124 Datasheet
227Kb / 16P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Maxim Integrated Produc...
MXL1178 MAXIM-MXL1178 Datasheet
265Kb / 8P
   17uA Max, Dual/Quad, Single-Supply, Precision Op Amps
19-0104; Rev 1; 8/94
logo
Linear Technology
LT1722 LINER-LT1722 Datasheet
326Kb / 16P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1112 LINER-LT1112 Datasheet
369Kb / 12P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1112 LINER-LT1112_15 Datasheet
345Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1079 LINER-LT1079_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
   36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
logo
Linear Technology
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com