Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX7575D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MX7575D
Description  CMOS, uP-Compatible, 5關s/10關s, 8-Bit ADCs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7575D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MX7575D Datasheet HTML 1Page - Maxim Integrated Products MX7575D Datasheet HTML 2Page - Maxim Integrated Products MX7575D Datasheet HTML 3Page - Maxim Integrated Products MX7575D Datasheet HTML 4Page - Maxim Integrated Products MX7575D Datasheet HTML 5Page - Maxim Integrated Products MX7575D Datasheet HTML 6Page - Maxim Integrated Products MX7575D Datasheet HTML 7Page - Maxim Integrated Products MX7575D Datasheet HTML 8Page - Maxim Integrated Products MX7575D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Figure 1. Load Circuits for Data-Access Time Test
_______________Detailed Description
Converter Operation
The MX7575 and MX7576 use the successive-approxi-
mation technique to convert an unknown analog input
voltage to an 8-bit digital output code (see
Functional
Diagrams). The MX7575 samples the input voltage on
an internal capacitor once (at the beginning of the con-
version), while the MX7576 samples the input signal
eight times during the conversion (see
MX7575
Track/Hold and MX7576 Analog Input sections). The
internal DAC is initially set to half scale, and the com-
parator determines whether the input signal is larger
than or smaller than half scale. If it is larger than half
scale, the DAC MSB is kept. But if it is smaller, the MSB
is dropped. At the end of each comparison phase, the
SAR (successive-approximation register) stores the
results of the previous decision and determines the
next trial bit. This information is then loaded into the
DAC after each decision. As the conversion proceeds,
the analog input is approximated more closely by com-
paring it to the combination of the previous DAC bits
and a new DAC trial bit. After eight comparison cycles,
the eight bits stored in the SAR are latched into the out-
put latches. At the end of the conversion, the
BUSY sig-
nal goes high, and the data in the output latches is
ready for microprocessor (µP) access. Furthermore, the
DAC is reset to half scale in preparation for the next
conversion.
Microprocessor Interface
The
CS and RD logic inputs are used to initiate conver-
sions and to access data from the devices. The MX7575
and MX7576 have two common interface modes: slow-
memory interface mode and ROM interface mode. In
addition, the MX7576 has an asynchronous conversion
mode (MODE pin = low) where continuous conversions
are performed. In the slow-memory interface mode,
CS
and
RD are taken low to start a conversion and they
remain low until the conversion ends, at which time the
conversion result is latched. This mode is designed for
µPs that can be forced into a wait state. In the ROM
interface mode, however, the µP is not forced into a wait
state. A conversion is started by taking
CS and RD low,
and data from the previous conversion is read. At the
end of the most recent conversion, the µP executes a
read instruction and starts another conversion.
For the MX7575, TP should be hard-wired to VDD to
ensure proper operation of the device. Spurious signals
may occur on TP, or excessive currents may be drawn
from VDD if TP is left open or tied to a voltage other than
VDD.
Slow-Memory Mode
Figure 3 shows the timing diagram for slow-memory
interface mode. This is used with µPs that have a wait-
state capability of at least 10µs (such as the 8085A),
where a read instruction is extended to accommodate
slow-memory devices. A conversion is started by exe-
cuting a memory read to the device (taking
CS and RD
low). The
BUSY signal (which is connected to the µP
READY input) then goes low and forces the µP into a
wait state. The MX7575 track/hold, which had been
tracking the analog input signal, holds the signal on the
third falling clock edge after
RD goes low (Figure 12).
The MX7576, however, samples the analog input eight
times during a conversion (once before each compara-
tor decision). At the end of the conversion,
BUSY
returns high, the output latches and buffers are updat-
ed with the new conversion result, and the µP com-
pletes the memory read by acquiring this new data.
The fast conversion time of the MX7575/MX7576
ensures that the µP is not forced into a wait state for an
excessive amount of time. Faster versions of many µPs,
CMOS, µP-Compatible, 5µs/10µs, 8-Bit ADCs
_______________________________________________________________________________________
5
D_
D_
100pF
DGND
DGND
+5V
100pF
3k
3k
a) HIGH-Z TO VOH
NOTE: D_ REPRESENTS ANY OF THE DATA OUTPUTS
b) HIGH-Z TO VOL
D_
D_
10pF
DGND
DGND
+5V
10pF
3k
3k
a) VOH TO HIGH-Z
b) VOL TO HIGH-Z
NOTE: D_ REPRESENTS ANY OF THE DATA OUTPUTS
Figure 2. Load Circuits for Data-Hold Time Test


Similar Part No. - MX7575D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7572 MAXIM-MX7572 Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MX7572A MAXIM-MX7572A Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MX7572B MAXIM-MX7572B Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MX7572C MAXIM-MX7572C Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MX7572J MAXIM-MX7572J Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
More results

Similar Description - MX7575D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX165 MAXIM-MAX165 Datasheet
562Kb / 12P
   CMOS 關P-Compatible, 5關s, 8-Bit ADCs
19-1976; Rev 1; 6/92
MX7548 MAXIM-MX7548 Datasheet
504Kb / 12P
   CMOS 8-Bit 關P Compatible 12-Bit DAC
19-827 1/89
logo
API Technologies Corp
HSADC85 APITECH-HSADC85 Datasheet
1Mb / 3P
   12-Bit, 10關S Hybrid ADC
logo
Semtech Corporation
M50A SEMTECH-M50A Datasheet
111Kb / 3P
   RECTIFIER, up to 6kV, 260mA, 5關s
logo
Texas Instruments
ADS7809U-1K TI1-ADS7809U-1K Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD7574KNZ AD-AD7574KNZ Datasheet
655Kb / 8P
   CMOS uP-Compatible 8-bit ADC
REV. A
AD7574 AD-AD7574 Datasheet
651Kb / 8P
   CMOS uP-COMPATIBLE 8-BIT DAC
REV. A
logo
National Semiconductor ...
ADC10154 NSC-ADC10154 Datasheet
439Kb / 23P
   10-Bit Plus Sign 4 關s ADCs with 4- or 8-Channel MUX, Track/Hold and Reference
logo
Maxim Integrated Produc...
MX7542 MAXIM-MX7542 Datasheet
267Kb / 7P
   CMOS 關P-Compatible 12-Bit DAC
19-0174; Rev 1; 7/95
logo
Analog Devices
AD7542JNZ AD-AD7542JNZ Datasheet
534Kb / 8P
   CMOS 關P-Compatible 12-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com