Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX7575J Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MX7575J
Description  CMOS, uP-Compatible, 5關s/10關s, 8-Bit ADCs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7575J Datasheet(HTML) 3 Page - Maxim Integrated Products

  MX7575J Datasheet HTML 1Page - Maxim Integrated Products MX7575J Datasheet HTML 2Page - Maxim Integrated Products MX7575J Datasheet HTML 3Page - Maxim Integrated Products MX7575J Datasheet HTML 4Page - Maxim Integrated Products MX7575J Datasheet HTML 5Page - Maxim Integrated Products MX7575J Datasheet HTML 6Page - Maxim Integrated Products MX7575J Datasheet HTML 7Page - Maxim Integrated Products MX7575J Datasheet HTML 8Page - Maxim Integrated Products MX7575J Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CMOS, µP-Compatible, 5µs/10µs, 8-Bit ADCs
_______________________________________________________________________________________
3
Note 1: Offset Error is measured with respect to an ideal first-code transition that occurs at 1/2LSB.
Note 2: Sample tested at +25°C to ensure compliance.
Note 3: Accuracy may degrade at conversion times other than those specified.
Note 4: Power-supply current is measured when MX7575/MX7576 are inactive, i.e.:
For MX7575
CS = RD = BUSY = high;
For MX7576
CS = RD = BUSY = MODE = high.
Using recommended
clock components:
RCLK = 100kΩ,
CCLK = 100pF;
TA = +25°C
VOUT = 0V to VDD, D0–D7
VIN = 0V
VIN = VDD
4.75V < VDD < 5.25V
LSB
±1/4
Power-Supply Rejection
mW
15
Power Dissipation
mA
7
IDD
Supply Current
36
V
5
VDD
Supply Voltage
µs
10
30
Conversion Time with
Internal Clock
515
µs
10
Conversion Time with
External Clock
5
pF
10
Floating State Output
Capacitance (Note 2)
µA
±10
Floating State Leakage Current
V
2.4
VINH
Input High Voltage
V
0.8
VINL
Input Low Voltage
±1
V
4.0
VOH
Output High Voltage
V
0.4
VOL
Output Low Voltage
700
IINL
µA
800
Input Low Current
700
IINH
µA
800
Input High Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MX757_S/T
MX757_J/A/K/B
±5% for specified performance
MX7576
MX7575
MX7576: fCLK = 2MHz
TA = +25°C
ISOURCE = 40µA
MX7575: fCLK = 4MHz
ISINK = 1.6mA
MX757_J/A/K/B
MX757_S/T
MX757_J/A/K/B
D0–D7
MX757_S/T
TA = TMIN to TMAX
CONDITIONS
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V; VREF = 1.23V; AGND = DGND = 0V; fCLK = 4MHz external for MX7575; fCLK = 2MHz external for MX7576;
TA = TMIN to TMAX, unless otherwise noted.)
CLOCK
LOGIC OUTPUTS (D0–D7,
BUSY)
CONVERSION TIME (Note 3)
POWER REQUIREMENTS (Note 4)


Similar Part No. - MX7575J

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7572 MAXIM-MX7572 Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MX7572A MAXIM-MX7572A Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MX7572B MAXIM-MX7572B Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MX7572C MAXIM-MX7572C Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MX7572J MAXIM-MX7572J Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
More results

Similar Description - MX7575J

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX165 MAXIM-MAX165 Datasheet
562Kb / 12P
   CMOS 關P-Compatible, 5關s, 8-Bit ADCs
19-1976; Rev 1; 6/92
MX7548 MAXIM-MX7548 Datasheet
504Kb / 12P
   CMOS 8-Bit 關P Compatible 12-Bit DAC
19-827 1/89
logo
API Technologies Corp
HSADC85 APITECH-HSADC85 Datasheet
1Mb / 3P
   12-Bit, 10關S Hybrid ADC
logo
Semtech Corporation
M50A SEMTECH-M50A Datasheet
111Kb / 3P
   RECTIFIER, up to 6kV, 260mA, 5關s
logo
Texas Instruments
ADS7809U-1K TI1-ADS7809U-1K Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD7574KNZ AD-AD7574KNZ Datasheet
655Kb / 8P
   CMOS uP-Compatible 8-bit ADC
REV. A
AD7574 AD-AD7574 Datasheet
651Kb / 8P
   CMOS uP-COMPATIBLE 8-BIT DAC
REV. A
logo
National Semiconductor ...
ADC10154 NSC-ADC10154 Datasheet
439Kb / 23P
   10-Bit Plus Sign 4 關s ADCs with 4- or 8-Channel MUX, Track/Hold and Reference
logo
Maxim Integrated Produc...
MX7542 MAXIM-MX7542 Datasheet
267Kb / 7P
   CMOS 關P-Compatible 12-Bit DAC
19-0174; Rev 1; 7/95
logo
Analog Devices
AD7542JNZ AD-AD7542JNZ Datasheet
534Kb / 8P
   CMOS 關P-Compatible 12-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com