Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX7575J Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MX7575J
Description  CMOS, uP-Compatible, 5關s/10關s, 8-Bit ADCs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7575J Datasheet(HTML) 1 Page - Maxim Integrated Products

  MX7575J Datasheet HTML 1Page - Maxim Integrated Products MX7575J Datasheet HTML 2Page - Maxim Integrated Products MX7575J Datasheet HTML 3Page - Maxim Integrated Products MX7575J Datasheet HTML 4Page - Maxim Integrated Products MX7575J Datasheet HTML 5Page - Maxim Integrated Products MX7575J Datasheet HTML 6Page - Maxim Integrated Products MX7575J Datasheet HTML 7Page - Maxim Integrated Products MX7575J Datasheet HTML 8Page - Maxim Integrated Products MX7575J Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
_______________General Description
Maxim’s MX7575/MX7576 are high-speed (5µs/10µs),
microprocessor (µP) compatible, 8-bit analog-to-digital
converters (ADCs). The MX7575 provides an on-chip
track/hold function that allows full-scale signals up to
50kHz (386mV/µs slew rate) to be acquired and digi-
tized accurately. Both ADCs use a successive-approxi-
mation technique to achieve their fast conversions and
low power dissipation. The MX7575/MX7576 operate
with a +5V supply and a 1.23V external reference. They
accept input voltages ranging from 0V to 2VREF.
The MX7575/MX7576 are easily interfaced to all popu-
lar 8-bit µPs through standard
CS and RD control sig-
nals. These signals control conversion start and data
access. A
BUSY signal indicates the beginning and
end of a conversion. Since all the data outputs are
latched and three-state buffered, the MX7575/MX7576
can be directly tied to a µP data bus or system l/O port.
Maxim also makes the MAX165, a plug-in replacement
for the MX7575 with an internal 1.23V reference. For
applications that require a differential analog input and
an internal reference, the MAX166 is recommended.
________________________Applications
Digital Signal Processing
High-Speed Data Acquisition
Telecommunications
Audio Systems
High-Speed Servo Loops
Low-Power Data Loggers
____________________________Features
o Fast Conversion Time:
5µs (MX7575)
10µs (MX7576)
o Built-In Track/Hold Function (MX7575)
o Low Total Unadjusted Error (±1LSB max)
o 50kHz Full-Power Signal Bandwidth (MX7575)
o Single +5V Supply Operation
o 8-Bit µP Interface
o 100ns Data-Access Time
o Low Power: 15mW
o Small-Footprint Packages
CMOS, µP-Compatible, 5µs/10µs, 8-Bit ADCs
________________________________________________________________
Maxim Integrated Products
1
DAC
COMP
LATCH AND
THREE-STATE
OUTPUT DRIVERS
SAR
TRACK/
HOLD
CLOCK
OSCILLATOR
CONTROL
LOGIC
AIN
AGND
REF
CLK
CS
RD
VDD
BUSY
DGND
TP
16
18
49
6
14
D7
..
D0
15
17
5
1
2
3
MX7575
Functional Diagrams continued at end of data sheet.
_______________Functional Diagrams
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
VDD
REF
AIN
AGND
D0 (LSB)
D1
D2
D3
D4
CS
RD
TP (MODE)
BUSY
CLK
D7 (MSB)
D6
D5
DGND
TOP VIEW
10
9
DIP/SO
MX7575
MX7576
( ) ARE FOR MX7576 ONLY.
Pin Configurations continued at end of data sheet.
_________________Pin Configurations
19-0876; Rev 1; 5/96
PART
MX7575JN
MX7575KN
MX7575JCWN
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
18 Plastic DIP
18 Plastic DIP
18 Wide SO
______________Ordering Information
Ordering Information continued at end of data sheet.
* Contact factory for dice specifications.
** Contact factory for availability.
MX7575KCWN
0°C to +70°C
18 Wide SO
MX7575JP
0°C to +70°C
20 PLCC
MX7575KP
0°C to +70°C
20 PLCC
INL
(LSB)
±1
±1/2
±1
±1/2
±1
±1/2
MX7575J/D
0°C to +70°C
Dice*
±1
MX7575AQ
-25°C to +85°C
18 CERDIP**
MX7575BQ
-25°C to +85°C
18 CERDIP**
±1
±1/2


Similar Part No. - MX7575J

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7572 MAXIM-MX7572 Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MX7572A MAXIM-MX7572A Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MX7572B MAXIM-MX7572B Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MX7572C MAXIM-MX7572C Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MX7572J MAXIM-MX7572J Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
More results

Similar Description - MX7575J

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX165 MAXIM-MAX165 Datasheet
562Kb / 12P
   CMOS 關P-Compatible, 5關s, 8-Bit ADCs
19-1976; Rev 1; 6/92
MX7548 MAXIM-MX7548 Datasheet
504Kb / 12P
   CMOS 8-Bit 關P Compatible 12-Bit DAC
19-827 1/89
logo
API Technologies Corp
HSADC85 APITECH-HSADC85 Datasheet
1Mb / 3P
   12-Bit, 10關S Hybrid ADC
logo
Semtech Corporation
M50A SEMTECH-M50A Datasheet
111Kb / 3P
   RECTIFIER, up to 6kV, 260mA, 5關s
logo
Texas Instruments
ADS7809U-1K TI1-ADS7809U-1K Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD7574KNZ AD-AD7574KNZ Datasheet
655Kb / 8P
   CMOS uP-Compatible 8-bit ADC
REV. A
AD7574 AD-AD7574 Datasheet
651Kb / 8P
   CMOS uP-COMPATIBLE 8-BIT DAC
REV. A
logo
National Semiconductor ...
ADC10154 NSC-ADC10154 Datasheet
439Kb / 23P
   10-Bit Plus Sign 4 關s ADCs with 4- or 8-Channel MUX, Track/Hold and Reference
logo
Maxim Integrated Produc...
MX7542 MAXIM-MX7542 Datasheet
267Kb / 7P
   CMOS 關P-Compatible 12-Bit DAC
19-0174; Rev 1; 7/95
logo
Analog Devices
AD7542JNZ AD-AD7542JNZ Datasheet
534Kb / 8P
   CMOS 關P-Compatible 12-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com