Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMD-HHTX-433 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CMD-HHTX-433
Description  OEM HANDHELD TRANSMITTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CMD-HHTX-433 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CMD-HHTX-433 Datasheet HTML 1Page - List of Unclassifed Manufacturers CMD-HHTX-433 Datasheet HTML 2Page - List of Unclassifed Manufacturers CMD-HHTX-433 Datasheet HTML 3Page - List of Unclassifed Manufacturers CMD-HHTX-433 Datasheet HTML 4Page - List of Unclassifed Manufacturers CMD-HHTX-433 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DESCRIPTION
The Linx CMD-HHTX-*** Full-Size Handheld
transmitter is ideal for general-purpose remote
control and command applications. As a part of
our Holtek encoder-based OEM family, it has
been pre-certified for FCC Part 15, Industry
Canada, and European CE (433MHz only)
compliance, reducing costs and time to market.
Available in 315, 418 (standard), or 433.92MHz,
this handheld remote has a transmission range
of up to 750 feet when combined with the LR
Series receiver. The transmitter unit can be
configured with 1 to 8 buttons and the keypad
and labeling can be modified to meet specific
OEM
customer
requirements.
Selectable
addressing provides security and allows the
creation of up to 256 distinct transmitter-
receiver relationships. The address can be
easily changed via an externally accessible DIP
switch. The transmission can be decoded using
a matching Linx Function Module, KH2 Series
receiver / decoder, or a Linx LR or LT Series
receiver
paired
with
a
decoder
IC
or
microcontroller. The unit uses a single 3V
CR2032 lithium button cell.
FEATURES
n FCC, Canada, and CE pre-certified
n 1 to 8 buttons
n Small package
n Customizable keypad
APPLICATIONS INCLUDE
n General Remote Control
n Keyless Entry
n Garage / Gate Openers
n Lighting Control
n Call Systems
n Home / Industrial Automation
OEM HANDHELD TRANSMITTER DATA GUIDE
0.17"
0.62"
3.35"
1.81"
Revised 7/27/10
Figure 1: Package Dimensions
WIRELESS MADE SIMPLE
®
OEM Configurations
With a one-time NRE and minimum
order, Linx can configure the keypad
and label areas to meet your specific
requirements. Contact Linx for details.
2
1
3
4
A
B
C
D
ON
ON
ON
ON
FASCO
Lights
Spa
ON
ON
ON
OFF
OFF
OFF
Pool
PART #
DESCRIPTION
CMD-HHTX-***
OEM Handheld Transmitter
EVAL-***-HHTX
HHTX Evaluation Kit
*** = 315, 418 (Standard), 433.92 MHz
ORDERING INFORMATION


Similar Part No. - CMD-HHTX-433

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CMD-HHTX-315 LINX-CMD-HHTX-315 Datasheet
146Kb / 5P
   OEM HANDHELD TRANSMITTER DATA GUIDE
2000
More results

Similar Description - CMD-HHTX-433

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMD-HHCP-315 ETC2-CMD-HHCP-315 Datasheet
144Kb / 5P
   OEM COMPACT HANDHELD TRANSMITTER
logo
Linx Technologies
CMD-HHCP-FFF LINX-CMD-HHCP-FFF Datasheet
1Mb / 9P
   OEM Compact Handheld Transmitter
2015
logo
List of Unclassifed Man...
CMD-HHLR-315 ETC2-CMD-HHLR-315 Datasheet
148Kb / 5P
   OEM LONG-RANGE HANDHELD TRANSMITTER
logo
Linx Technologies
CMD-HHLR-FFF LINX-CMD-HHLR-FFF Datasheet
1Mb / 9P
   OEM Long-Range Handheld Transmitter
2015
CMD-HHTX-315 LINX-CMD-HHTX-315 Datasheet
146Kb / 5P
   OEM HANDHELD TRANSMITTER DATA GUIDE
2000
logo
List of Unclassifed Man...
CMD-KEY#-315 ETC2-CMD-KEY#-315 Datasheet
195Kb / 5P
   OEM KEYFOB TRANSMITTER
logo
Linx Technologies
EVAL-FFF-OEM LINX-EVAL-FFF-OEM Datasheet
1Mb / 9P
   OEM Transmitter Evaluation Kit
2016
OTX-FFF-HH-CP8-MS LINX-OTX-FFF-HH-CP8-MS Datasheet
1Mb / 9P
   MS Compact Handheld Transmitter
2016
CMD-KEYX-315 LINX-CMD-KEYX-315 Datasheet
210Kb / 8P
   OEM KEYFOB TRANSMITTER DATA GUIDE
2000
logo
Vaisala
DMT143 VAISALA-DMT143 Datasheet
273Kb / 3P
   DMT143 Dew Point Transmitter For OEM applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com