Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ANT-916-CHP-x Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ANT-916-CHP-x
Description  ULTRA COMPACT CHIP ANTENNA
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANT-916-CHP-x Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ANT-916-CHP-x Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bluetooth
802.11
ZigBee
Wireless PCMCIA Cards
Telemetry
Data Collection
Industrial Process Monitoring
Compact Wireless Products
External Antenna Elimination
APPLICATIONS
The exciting ANT-***-CHP family is
among
the
world’s
smallest
high-
performance chip antennas. They are
ideal for embedding in wireless products
including Bluetooth, 802.11, Home RF,
ZigBee and other popular standards.
These tiny antennas use advanced Low
Temperature Co-fired Ceramic (LTCC)
technology and proprietary elements to
achieve superior size and performance
characteristics. The entire family is
compatible
with
hand-
and
reflow-
assembly.
Excellent
electrical
specifications, stability, and outstanding
cost-effectiveness make CHP Series
antennas the logical choice for a wide
variety of applications.
ANT-2.4-CHP-x
ANT-868-CHP-x
ANT-916-CHP-x
DESCRIPTION
ULTRA COMPACT CHIP ANTENNA DATA GUIDE
Incredibly compact SMD package
Superior LTCC technology
50
Ω characteristic impedance
Low loss
Wide bandwidth
Favorable linear polarization
> Unity gain
No external matching required
Highly stable over temperature & time
Hand- and reflow-assembly compatible
RoHS compliant
Cost-effective
Revised 1/14/09
PHYSICAL DIMENSIONS
2.45GHz
2.4
xxx
868MHz
0.63”
(16.0)
0.12”
(3.0)
ACTUAL SIZE
916MHz
0.07”
(1.7)
0.09”
(2.2)
0.04”
(1.0)
0.26”
(6.5)
2.45GHz Version
868 / 916MHz Versions
FEATURES
ORDERING INFORMATION
PART #
DESCRIPTION
ANT-868-CHP-x
868MHz Chip Antenna
ANT-916-CHP-x
916MHz Chip Antenna
ANT-2.45-CHP-x
2.45GHz Chip Antenna
x = “T” for Tape/Reel, “B” for Bulk
All parts are RoHS compliant.
Standard reel is 3,000pcs. (868/916MHz)
1,500pcs (2.45GHz)
Quantities less than reel size are supplied in bulk.


Similar Part No. - ANT-916-CHP-x

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-916-CN-N ETC2-ANT-916-CN-N Datasheet
108Kb / 1P
   other connectors available for volume applications
ANT-916-CW-HD ETC2-ANT-916-CW-HD Datasheet
152Kb / 1P
   Part 15 compliant RP-SMA connector
ANT-916-CW-HW ETC2-ANT-916-CW-HW Datasheet
160Kb / 1P
   Standard SMA or Part 15 compliant RP-SMA connector
ANT-916-CW-HW-SMA ETC2-ANT-916-CW-HW-SMA Datasheet
160Kb / 1P
   Standard SMA or Part 15 compliant RP-SMA connector
ANT-916-CW-HWR-SMA ETC2-ANT-916-CW-HWR-SMA Datasheet
98Kb / 1P
   Standard SMA or Part 15 compliant RP-SMA connector
More results

Similar Description - ANT-916-CHP-x

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-2.45-CHP-T ETC2-ANT-2.45-CHP-T Datasheet
333Kb / 7P
   ULTRA COMPACT CHIP ANTENNA DATA GUIDE
ANT-245-CHP ETC2-ANT-245-CHP Datasheet
201Kb / 4P
   2.45GHz ULTRA COMPACT CHIP ANTENNA DATA GUIDE
logo
Johanson Technology Inc...
1575AT44A0010E JOHANSON-1575AT44A0010E Datasheet
171Kb / 4P
   1575MHz GPS Ultra-Compact Ceramic Chip Antenna
logo
Rohm
SMR ROHM-SMR Datasheet
87Kb / 5P
   Ultra-Compact Chip Resistors
logo
PCTEL, Inc.
3938D PCTEL-3938D Datasheet
544Kb / 1P
   3938D Ultra-Compact 2.4 GHz Covert Mount Antenna
logo
Quectel Wireless Soluti...
L96 QUECTEL-L96 Datasheet
767Kb / 2P
   Extremely Compact GNSS Module with Chip Antenna
logo
Abracon Corporation
ACAG0201-2450-T ABRACON-ACAG0201-2450-T Datasheet
2Mb / 5P
   Low profile Compact 2.4GHz Ceramic Chip Antenna
06.21.2018
logo
Sharp Corporation
PT600T SHARP-PT600T Datasheet
15Kb / 1P
   Ultra-compact Chip Part Type Phototransistor
logo
Red Lion Controls. Inc
ANT-MD24-12 REDLION-ANT-MD24-12 Datasheet
451Kb / 2P
   Sub-Compact Directional Antenna
logo
Taoglas antenna solutio...
PA.26A TAOGLAS-PA.26A Datasheet
5Mb / 22P
   Compact High Efficiency Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com