Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX7824KCWG Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MX7824KCWG
Description  CMOS, High-Speed, 8-Bit ADCs with Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7824KCWG Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MX7824KCWG Datasheet HTML 4Page - Maxim Integrated Products MX7824KCWG Datasheet HTML 5Page - Maxim Integrated Products MX7824KCWG Datasheet HTML 6Page - Maxim Integrated Products MX7824KCWG Datasheet HTML 7Page - Maxim Integrated Products MX7824KCWG Datasheet HTML 8Page - Maxim Integrated Products MX7824KCWG Datasheet HTML 9Page - Maxim Integrated Products MX7824KCWG Datasheet HTML 10Page - Maxim Integrated Products MX7824KCWG Datasheet HTML 11Page - Maxim Integrated Products MX7824KCWG Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Input Current
The converters’ analog inputs behave somewhat differ-
ently from conventional ADCs. The sampled data com-
parators take varying amounts of current from the input,
depending on the cycle they are in. The equivalent cir-
cuit of the converter is shown in Figure 9a. When the
conversion starts, AIN(n) is connected to the MS and
LS comparators. Thus, AIN(n) is connected to thirty-one
1pF capacitors.
To acquire the input signal in approximately 1µs, the
input capacitors must charge to the input voltage
through the on-resistance of the multiplexer (about
600
Ω) and the comparator’s analog switches (2kΩ to
5k
Ω per comparator). In addition, about 12pF of stray
capacitance must be charged. The input can be mod-
eled as an equivalent RC network shown in Figure 9b.
As RS (source impedance) increases, the capacitors
take longer to charge.
Since the length of the input acquisition time is internal-
ly set, large source resistances (greater than 100
Ω) will
cause settling errors. The output impedance of an op-
amp is its open-loop output impedance divided by the
loop gain at the frequency of interest. It is important
that the amplifier driving the converter input have suffi-
cient loop gain at approximately 1MHz to maintain low
output impedance.
Input Filtering
The transients in the analog input caused by the sam-
pled data comparators do not degrade the converter’s
performance, since the ADC does not “look” at the
input when these transients occur. The comparator’s
outputs track the input during the first 1µs of the con-
version, and are then latched. Therefore, at least 1µs
will be provided to charge the ADC’s input capaci-
tance. It is not necessary to filter these transients with
an external capacitor on the AIN terminals.
Sinusoidal Inputs
The MAX154/MAX158 and MX7824/MX7828 can mea-
sure input signals with slew rates as high as 157mV/µs
to the rated specifications. This means that the analog
input frequency can be as high as 10kHz without the
aid of an external track/hold. The maximum sampling
rate is limited by the conversion time (typical tCRD =
2µs) plus the time required between conversions (tp =
500ns). It is calculated as:
fMAX =
1
=
1
= 400kHz
tCRD + tp
(2.0 + 0.5) µs
CMOS, High-Speed, 8-Bit ADCs
with Multiplexer
_______________________________________________________________________________________
9
MAX154
MAX158
VIN
GND
VDD
REF OUT
VREF+
AINx(+)
AINx(-)
+5V
0.1
µF47µF
0.01
µF
VREF-
MX7824
MX7828
MX584
VIN
GND
VDD
VREF+
AINx(+)
AINx(-)
+5V
2.5V
0.1
µF
47
µF
VREF-
MAX154
MAX158
MX7824
MX7828
VIN
GND
VDD
VREF+
AINx(+)
AINx(-)
+5V
0.1
µF
47
µF
VREF-
MAX154
MAX158
MX7824
MX7828
VIN
GND
* Current path must
still exist from
VIN(-) to Ground
VDD
VREF+
AINx(+)
AINx(-)
+5V
2.5V
0.1
µF47µF
VREF-
*
Figure 8a. Internal Reference (MAX154/MAX158 only)
Figure 8b. External Reference +2.5V Full-Scale
Figure 8c. Power Supply as Reference
Figure 8d. Inputs Not Referenced to GND


Similar Part No. - MX7824KCWG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7820BQ MAXIM-MX7820BQ Datasheet
439Kb / 12P
   CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
MX7820CQ MAXIM-MX7820CQ Datasheet
439Kb / 12P
   CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
MX7820KCWP MAXIM-MX7820KCWP Datasheet
439Kb / 12P
   CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
MX7820KN MAXIM-MX7820KN Datasheet
439Kb / 12P
   CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
MX7820LCWP MAXIM-MX7820LCWP Datasheet
439Kb / 12P
   CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
More results

Similar Description - MX7824KCWG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX154 MAXIM-MAX154 Datasheet
153Kb / 12P
   CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
19-0892; Rev 3; 12/96
logo
Texas Instruments
CD74HC151 TI-CD74HC151 Datasheet
42Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 8-Input Multiplexer
logo
List of Unclassifed Man...
QS32390 ETC1-QS32390 Datasheet
530Kb / 6P
   High-Speed CMOS QuickSwitch 16:8 Multiplexer
logo
Texas Instruments
CD54HC151 TI-CD54HC151 Datasheet
267Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer
CD54HC151 TI-CD54HC151_07 Datasheet
411Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer
logo
Wolfson Microelectronic...
WM0834 WOLFSON-WM0834 Datasheet
684Kb / 16P
   8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
logo
Analog Devices
AD7824 AD-AD7824 Datasheet
270Kb / 16P
   LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
REV. F
logo
Linear Technology
LTC2445 LINER-LTC2445_15 Datasheet
307Kb / 28P
   24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2444 LINER-LTC2444 Datasheet
261Kb / 28P
   24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2448 LINER-LTC2448_15 Datasheet
307Kb / 28P
   24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com