Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA3212L-N24-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # PA3212L-N24-R
Description  2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3212L-N24-R Datasheet(HTML) 4 Page - Unisonic Technologies

  PA3212L-N24-R Datasheet HTML 1Page - Unisonic Technologies PA3212L-N24-R Datasheet HTML 2Page - Unisonic Technologies PA3212L-N24-R Datasheet HTML 3Page - Unisonic Technologies PA3212L-N24-R Datasheet HTML 4Page - Unisonic Technologies PA3212L-N24-R Datasheet HTML 5Page - Unisonic Technologies PA3212L-N24-R Datasheet HTML 6Page - Unisonic Technologies PA3212L-N24-R Datasheet HTML 7Page - Unisonic Technologies PA3212L-N24-R Datasheet HTML 8Page - Unisonic Technologies PA3212L-N24-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PA3212
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-310.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
6
V
Input Voltage
VIN
-0.3 ~ VDD ~ +0.3
V
Junction Temperature
TJ
+150
°С
Operating Temperature
TOPR
-40 ~ +85
°С
Storage Temperature
TSTG
-65 ~ +85
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta= 25°С, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC ELECTRICAL CHARACTERISTICS
Supply Voltage
VDD
4.5
5
5.5
V
SHUTDOWN
2
V
High-Level Input voltage
VIH
SE/BTL, HP/LINE, GAIN0, GAIN1
0.8×VDD
V
SHUTDOWN
0.8
V
GAIN0, GAIN1
0.4
×VDD
V
Low-Level Input voltage
VIL
SE/ BTL , HP/ LINE
0.6
×VDD
V
DC Differential Output Voltage
VOUT(DIFF) VIN=0V,Gain=2V/V
25
mV
BTL Mode
6
8
mA
Supply Current in Mute Mode
IDD
SE Mode
3
4
mA
Supply Current, Shutdown Mode
IDD(SD)
VDD=5V
150
300
µA
High-Level Input Current
|IIH|
VDD=5.5V, VIN=VDD
900
nA
Low-Level Input Current
|IIL|
VDD=5.5V, VIN=0V
900
nA
Operating Free-Air Temperature
Ta
-40
85
°С
AC ELECTRICAL CHARACTERISTICS (VDD = 5.0V, RL = 8Ω, unless otherwise noted )
THD=1%, BTL, RL=3Ω, G=2V/V
2.05
W
Output Power
POUT
THD=10%, BTL, RL=3Ω, G=2V/V
2.6
Total Harmonic Distortion Plus Noise
THD+N
0.65
%
Max Output Power Bandwidth
BOM
POUT=1W, BTL, RL= 8Ω, G=2V/V
THD= 5%
15
kHz
Power Supply Ripple Rejection
PSRR
f=1kHz, BTL, G=2V/V, CBYP=0.47µF
72
dB
CBYP=0.47µF,BTL, G=2V/V
20
µVRMS
Output Noise Voltage
eN
CBYP=0.47µF, SE, G=2V/V
18
µVRMS
Signal-to-Noise Ratio
SNR
105
dB
Note: Output power is measured at the output terminals of the IC at 1kHz.


Similar Part No. - PA3212L-N24-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3212L-N24-R UTC-PA3212L-N24-R Datasheet
485Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
More results

Similar Description - PA3212L-N24-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3212 UTC-PA3212_09 Datasheet
485Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
PA3312 UTC-PA3312 Datasheet
238Kb / 10P
   DUAL 2.6W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA6017A2 TI-TPA6017A2 Datasheet
350Kb / 26P
[Old version datasheet]   2 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0122 TI1-TPA0122_16 Datasheet
1,004Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_07 Datasheet
735Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0112 TI-TPA0112 Datasheet
488Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA5312 EUTECH-EUA5312 Datasheet
509Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0122 TI-TPA0122 Datasheet
534Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com