Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA1517L-D20-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PA1517L-D20-T
Description  2 x 6 W STEREO POWER AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA1517L-D20-T Datasheet(HTML) 2 Page - Unisonic Technologies

  PA1517L-D20-T Datasheet HTML 1Page - Unisonic Technologies PA1517L-D20-T Datasheet HTML 2Page - Unisonic Technologies PA1517L-D20-T Datasheet HTML 3Page - Unisonic Technologies PA1517L-D20-T Datasheet HTML 4Page - Unisonic Technologies PA1517L-D20-T Datasheet HTML 5Page - Unisonic Technologies PA1517L-D20-T Datasheet HTML 6Page - Unisonic Technologies PA1517L-D20-T Datasheet HTML 7Page - Unisonic Technologies PA1517L-D20-T Datasheet HTML 8Page - Unisonic Technologies PA1517L-D20-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PA1517
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R107-056.G
MARKING
PACKAGE
MARKING
HSIP-9B
DIP-18
DIP-20


Similar Part No. - PA1517L-D20-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA1517L-D20-T UTC-PA1517L-D20-T Datasheet
209Kb / 7P
   2 횞 6 W STEREO POWER AMPLIFIER
More results

Similar Description - PA1517L-D20-T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1517 PHILIPS-TDA1517 Datasheet
97Kb / 12P
   2 x 6 W stereo power amplifier
1998 Apr 28
TDA1519 PHILIPS-TDA1519 Datasheet
84Kb / 10P
   2 x 6 W stereo car radio power amplifier
May 1992
logo
Unisonic Technologies
PA1517 UTC-PA1517 Datasheet
209Kb / 7P
   2 횞 6 W STEREO POWER AMPLIFIER
logo
KODENSHI_AUK CORP.
KKA1519 KODENSHI-KKA1519 Datasheet
298Kb / 9P
   2 x 6 WATT STEREO POWER AMPLIFIER
KKA1519B KODENSHI-KKA1519B Datasheet
200Kb / 6P
   2 x 6 Watt Stereo Power Amplifier
logo
NXP Semiconductors
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
logo
Texas Instruments
TPA1517 TI-TPA1517 Datasheet
352Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI1-TPA1517_17 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com