Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA5050-99F Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CHA5050-99F
Description  17-26GHz Medium Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5050-99F Datasheet(HTML) 6 Page - United Monolithic Semiconductors

Back Button CHA5050-99F_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA5050-99F_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA5050-99F_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5050-99F_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5050-99F_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA5050-99F_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA5050-99F_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHA5050-99F_15 Datasheet HTML 9Page - United Monolithic Semiconductors CHA5050-99F_15 Datasheet HTML 10Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CHA5050-99F
17-26GHz Medium Power Amplifier
Ref : DSCHA50502152 - 31 May 12
6/10
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical Test Fixture Measurements
Temp= -40°C, +25°C, +85°C; Vd =6V, Id (Quiescent) =230 mA, CW mode
PAE
@ ≈3dBcomp & Temp=-40°C, +25°C, +85°C versus frequency
Drain current
@ ≈3dBcomp & Temp=-40°C, +25°C, +85°C versus frequency


Similar Part No. - CHA5050-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5050-QDG UMS-CHA5050-QDG Datasheet
693Kb / 14P
   17-24GHz Medium Power Amplifier
CHA5050-QDG UMS-CHA5050-QDG_15 Datasheet
693Kb / 14P
   17-24GHz Medium Power Amplifier
More results

Similar Description - CHA5050-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA4253AQQG UMS-CHA4253AQQG_15 Datasheet
659Kb / 14P
   17- 24GHz Medium Power Amplifier
CHA5050-QDG UMS-CHA5050-QDG_15 Datasheet
693Kb / 14P
   17-24GHz Medium Power Amplifier
CHA5350-99F UMS-CHA5350-99F_15 Datasheet
402Kb / 12P
   17-24GHz Medium Power Amplifier
logo
TriQuint Semiconductor
TGA9088A-SCC TRIQUINT-TGA9088A-SCC_15 Datasheet
166Kb / 8P
   17-21 GHz Medium Power Amplifier
TGA2565-SM TRIQUINT-TGA2565-SM_15 Datasheet
621Kb / 13P
   11 17 GHz Medium Power Amplifier
logo
United Monolithic Semic...
CHA5093 UMS-CHA5093 Datasheet
160Kb / 8P
   22-26GHz High Power Amplifier
logo
TriQuint Semiconductor
TGA9088A-SCC TRIQUINT-TGA9088A-SCC Datasheet
165Kb / 8P
   17-21 GHz Medium Power Amplifier
logo
Qorvo, Inc
TGA2565-SM QORVO-TGA2565-SM Datasheet
676Kb / 13P
   11-17 GHz Medium Power Amplifier
logo
United Monolithic Semic...
CHA5093TCF UMS-CHA5093TCF Datasheet
152Kb / 6P
   24-26GHz High Power Amplifier
logo
Filtronic Compound Semi...
LMA208G FILTRONIC-LMA208G Datasheet
158Kb / 4P
   2-26GHz PHEMT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com