Electronic Components Datasheet Search |
|
MX7534TQ Datasheet(PDF) 1 Page - Maxim Integrated Products |
|
MX7534TQ Datasheet(HTML) 1 Page - Maxim Integrated Products |
1 / 16 page _______________General Description The MX7534/MX7535 are high-performance, CMOS, monolithic, 14-bit digital-to-analog converters (DACs). Wafer-level, laser-trimmed, thin-film resistors and tempera- ture-compensated NMOS switches assure operation over the full operating temperature range with exceptional lin- ear and gain stability. The MX7534 accepts right-justified data in two bytes from an 8-bit bus, while the MX7535 operates with a 14-bit data bus with separate MS-byte and LS-byte select controls. In addition, all digital inputs are compatible with both TTL and 5V CMOS-logic levels. The MX7534/MX7535 are intended for unipolar operation, but may be operated as bipolar DACs with additional external components. Both devices are protected against CMOS latchup, and neither requires the use of external Schottky protection diodes. The MX7534 is available in 20-pin narrow (0.3") DIP, wide SO, or PLCC packages. The MX7535 is available in 28-pin, 600 mil wide DIP, wide SO, or PLCC packages. ________________________Applications Machine and Motion Control Systems Automatic Test Equipment Digital Audio µP-Controlled Calibration Circuitry Programmable-Gain Amplifiers Digitally Controlled Filters Programmable Power Supplies ____________________________Features o 14-Bit Monotonic Over Full Temperature Range o Full 4-Quadrant Multiplication o µP-Compatible, Double-Buffered Inputs o Exceptionally Low Gain Tempco (2.5ppm/°C) o Low Output Leakage (<20nA) Over Temp. o Low Power Consumption o TTL and CMOS Compatible ______________Ordering Information Ordering Information continued at end of data sheet. * Dice are tested at +25°C, DC parameters only. Microprocessor-Compatible, 14-Bit DACs ________________________________________________________________ Maxim Integrated Products 1 MX7534 DAC REGISTER MS INPUT REGISTER LS INPUT REGISTER 14 6 8 2 3 4 5 15 16 18 17 20 6 7–14 19 14-BIT DAC CONTROL LOGIC 1 REF RFB IOUT AGNDS AGNOF A1 A0 CS WR VDD D7–D0 DGND VSS Functional diagrams continued at end of data sheet. _______________Functional Diagrams _________________Pin Configurations 19-1116; Rev 1; 11/96 For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800 PART TEMP. RANGE PIN-PACKAGE INL (LSBs) MX7534KN 0°C to +70°C 20 Plastic DIP ±1 MX7534JN 0°C to +70°C 20 Plastic DIP ±2 MX7534KCWP 0°C to +70°C 20 SO ±1 MX7534JCWP 0°C to +70°C 20 SO ±2 MX7534KP 0°C to +70°C 20 PLCC ±1 MX7534JP 0°C to +70°C 20 PLCC ±2 MX7534J/D 0°C to +70°C Dice* ±2 MX7534BQ -25°C to +85°C 20 CERDIP ±1 MX7534AQ -25°C to +85°C 20 CERDIP ±2 MX7534BD -25°C to +85°C 20 Ceramic SB ±1 MX7534AD -25°C to +85°C 20 Ceramic SB ±2 MX7534KEWP -40°C to +85°C 20 SO ±1 MX7534JEWP -40°C to +85°C 20 SO ±2 MX7534TQ -55°C to +125°C 20 CERDIP ±1 MX7534SQ -55°C to +125°C 20 CERDIP ±2 MX7534TD -55°C to +125°C 20 Ceramic SB ±1 MX7534SD -55°C to +125°C 20 Ceramic SB ±2 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 VSS VDD CS WR AGNDS IOUT RFB REF TOP VIEW A0 A1 D0 D1 D6 D7 DGND AGNDF 12 11 9 10 D2 D3 D4 MX7535 at end of data sheet. D5 DIP/SO/PLCC/Ceramic SB MX7534 |
Similar Part No. - MX7534TQ |
|
Similar Description - MX7534TQ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |