Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA4105-99F Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA4105-99F
Description  2-4GHz Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA4105-99F Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA4105-99F_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHA4105-99F_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA4105-99F_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA4105-99F_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA4105-99F_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA4105-99F_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA4105-99F_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA4105-99F_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHA4105-99F_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CHA4105-99F
2-4GHz Driver
Ref. : DSCH41051035 - 07 Feb11
2/12
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Main Characteristics
Tamb.= +25°C
Symbol
Parameter
Min
Typ
Max
Unit
Freq
Frequency range
2
4
GHz
Gain
Linear Gain
23
dB
RL_in
Input Return Loss
15
dB
RL_out
Output Return Loss
18
dB
P_1dB
Output power @ 1dB gain compression
24
dBm
PAE_1dB
Power Added Efficiency @ 1dBcomp.
28
%
V+
Positive supply voltage
5
V
V-
Negative supply voltage
-5
V
I+
Positive supply quiescent current
(1)
180
mA
I-
Negative supply quiescent current
5
mA
I+_1dB
Positive current @ 1dB gain compression
220
mA
These values are representative of onboard measurements as defined on the drawing in
paragraph "Evaluation mother board".
(1) Parameter can be adjusted by tuning of V-.
Absolute Maximum Ratings
(1)
Tamb.= +25°C
Symbol
Parameter
Values
Unit
V+
Positive supply voltage
6.5V
V
I+
Positive supply quiescent current
240
mA
V-
Negative supply voltage
-3.75
V
Tj
Junction temperature
(2)
175
°C
Cmp
Compression level
6
dB
I+_sat
Supply current in saturation
320
mA
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +155
°C
(1) Operation of this device above anyone of these parameters may cause permanent
damage.
(2) Thermal Resistance channel to ground paddle = 101°C/W for T= +85°C.


Similar Part No. - CHA4105-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA4105-QDG UMS-CHA4105-QDG Datasheet
537Kb / 12P
   2-4GHz Driver
CHA4105-QDG UMS-CHA4105-QDG_15 Datasheet
537Kb / 12P
   2-4GHz Driver
More results

Similar Description - CHA4105-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA4105-QDG UMS-CHA4105-QDG_15 Datasheet
537Kb / 12P
   2-4GHz Driver
logo
Transcom, Inc.
TPD02-01G04S TRANSCOM-TPD02-01G04S Datasheet
91Kb / 1P
   1-4GHz 2-Way Power Divider
TPD08-02G04S TRANSCOM-TPD08-02G04S Datasheet
80Kb / 1P
   2-4GHz 8-Way Power Divider
TPD03-02G04S TRANSCOM-TPD03-02G04S Datasheet
84Kb / 1P
   2-4GHz 3-Way Power Divider
logo
Pasternack Enterprises,...
PE2202-6 PASTERNACK-PE2202-6 Datasheet
109Kb / 1P
   SMA FEMALE DIRECTIONAL COUPLER FREQUENCY RANGE: 2-4GHz
logo
Micrel Semiconductor
SY89312V MICREL-SY89312V Datasheet
51Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 2 CLOCK GENERATOR
logo
Pasternack Enterprises,...
PE8401 PASTERNACK-PE8401 Datasheet
262Kb / 1P
   SMA FEMALE FERRITE CIRCULATOR FREQUENCY RANGE:2 TO 4GHz
logo
United Monolithic Semic...
CHS5105-QAG UMS-CHS5105-QAG Datasheet
728Kb / 12P
   DC-4GHz Reflective SPDT
CHS5104-99F UMS-CHS5104-99F_15 Datasheet
494Kb / 12P
   DC-4GHz reflective SPDT
CHS5104-QAG UMS-CHS5104-QAG_15 Datasheet
735Kb / 12P
   DC-4GHz Reflective SPDT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com