Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB156 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BB156
Description  Low-voltage variable capacitance diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BB156 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BB156_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BB156_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BB156_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BB156_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BB156_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BB156_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BB156_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2004 Mar 01
2
Philips Semiconductors
Product specification
Low-voltage variable capacitance diode
BB156
FEATURES
• Excellent linearity
• Very small plastic SMD package
• C7.5: 4.8 pF; ratio 3.3
• Very low series resistance.
APPLICATIONS
• Voltage controlled oscillators (VCO).
DESCRIPTION
The BB156 is a planar technology variable capacitance
diode, in a SOD323 very small plastic SMD package.
PINNING
PIN
DESCRIPTION
1
cathode
2
anode
Top view
2
1
sym008
Fig.1
Simplified outline (SOD323; SC-76) and
symbol.
Marking code: PF.
The marking bar indicates the cathode.
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BB156
plastic surface mounted package; 2 leads
SOD323
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VR
continuous reverse voltage
10
V
IF
continuous forward current
20
mA
Tstg
storage temperature
−55
+150
°C
Tj
operating junction temperature
−55
+125
°C


Similar Part No. - BB156_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB156 PHILIPS-BB156_15 Datasheet
137Kb / 8P
   Low-voltage variable capacitance diode
2004 Mar 01
More results

Similar Description - BB156_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB202 NXP-BB202 Datasheet
227Kb / 6P
   Low-voltage variable capacitance diode
Rev. 02-3 January 2008
BB156 NXP-BB156_04 Datasheet
58Kb / 7P
   Low-voltage variable capacitance diode
2004 Mar 01
BB142 PHILIPS-BB142 Datasheet
44Kb / 8P
   Low-voltage variable capacitance diode
1999 May 12
BB156 PHILIPS-BB156 Datasheet
53Kb / 8P
   Low-voltage variable capacitance diode
1998 Aug 17
logo
Quanzhou Jinmei Electro...
BB202_N_2015 JMNIC-BB202_N_2015 Datasheet
234Kb / 6P
   Low-voltage variable capacitance diode
logo
NXP Semiconductors
BB145B PHILIPS-BB145B_15 Datasheet
137Kb / 7P
   Low-voltage variable capacitance diode
2004 Mar 29
logo
Quanzhou Jinmei Electro...
BB145B-01 JMNIC-BB145B-01_15 Datasheet
59Kb / 6P
   Low-voltage variable capacitance diode
logo
NXP Semiconductors
BB141 PHILIPS-BB141 Datasheet
44Kb / 8P
   Low-voltage variable capacitance diode
1999 May 12
logo
Leshan Radio Company
BB142 LRC-BB142 Datasheet
127Kb / 2P
   Low-voltage variable capacitance diode
logo
Zhaoxingwei Electronics...
BB156 ZHAOXINGWEI-BB156 Datasheet
45Kb / 1P
   Low-Voltage Variable Capacitance Diode
logo
Quanzhou Jinmei Electro...
BB156_2015 JMNIC-BB156_2015 Datasheet
58Kb / 7P
   Low-voltage variable capacitance diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com