Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX7534JP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MX7534JP
Description  Microprocessor-Compatible, 14-Bit DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7534JP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MX7534JP Datasheet HTML 2Page - Maxim Integrated Products MX7534JP Datasheet HTML 3Page - Maxim Integrated Products MX7534JP Datasheet HTML 4Page - Maxim Integrated Products MX7534JP Datasheet HTML 5Page - Maxim Integrated Products MX7534JP Datasheet HTML 6Page - Maxim Integrated Products MX7534JP Datasheet HTML 7Page - Maxim Integrated Products MX7534JP Datasheet HTML 8Page - Maxim Integrated Products MX7534JP Datasheet HTML 9Page - Maxim Integrated Products MX7534JP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
_______________Detailed Description
Digital-to-Analog Section
The basic MX7534/MX7535 digital-to-analog converter
(DAC) circuit consists of a laser-trimmed, thin-film,
11-bit R-2R resistor array, a 3-bit segmented resistor
array, and NMOS current switches, as shown in Figure
2. The three MSBs are decoded to drive switches A–G
of the segmented array, and the remaining bits drive
switches S0–S10 of the R-2R array.
Binary weighted currents are switched to either AGNDF
or IOUT, depending on the status of each input bit. The
R-2R ladder current is one-eighth of the total reference
input current. The remaining seven-eighths of the cur-
rent flows in the segmented resistors, dividing equally
among these seven resistors. The input resistance at
REF is constant; therefore, it can be driven by a voltage
or current source of positive or negative polarity.
The MX7534/MX7535 are optimized for unipolar output
operation (analog output from 0V to -VREF), although
bipolar operation (analog output from +VREF to -VREF) is
possible with some added external components.
Figure 3 shows the equivalent circuit for the two DACs.
COUT varies from about 90pF to 180pF, depending on
the digital code. R0 denotes the DAC’S equivalent out-
put resistance, which varies with the input code.
g(VREF,N) is the Thevenin equivalent voltage generator
due to the reference input voltage, VREF, and the trans-
fer function of the R-2R ladder, N.
Digital Section
All digital inputs are both TTL and 5V CMOS logic compat-
ible. The digital inputs are protected from electrostatic dis-
charge (ESD) with typical input currents of less than 1nA.
To minimize power-supply currents, keep digital input volt-
ages as close to 0V and 5V logic levels as possible.
__________Applications Information
Unipolar Operation (2-Quadrant
Multiplication)
Figures 4a and 4b show the circuit diagram for unipolar
binary operation. With an AC input, the circuit performs
2-quadrant multiplication. The code table for Figure 4 is
given in Table 2.
Capacitor C1 provides phase compensation and helps
prevent overshoot and ringing when high-speed op
amps are used. Note that the output polarity is the
inverse of the reference input.
Microprocessor-Compatible,
14-Bit DACs
6
_______________________________________________________________________________________
VIH + VIL
2
NOTES:
1) ALL INPUT-SIGNAL RISE AND FALL TIMES ARE MEASURED FROM 10% TO 90%
OF +5V. tR = tF = 20ns.
2) TIMING MEASUREMENT REFERENCE LEVEL IS
t5
t6
t7
t1
t2
t3
t4
CS
5V
A0,A1
DATA
0V
5V
0V
5V
0V
5V
0V
WR
t3
t6
t5
t6
t5
t4
t2
t1
t1
t2
t4
5V
0V
5V
0V
5V
0V
5V
0V
NOTES:
1) ALL INPUT-SIGNAL RISE AND FALL TIMES ARE MEASURED FROM 10% TO 90%
OF +5V. tR = tF = 20ns.
2) TIMING MEASUREMENT REFERENCE LEVEL IS
3) IF LDAC IS ACTIVATED PRIOR TO THE RISING EDGE OF WR, THEN IT MUST
STAY LOW FOR t3 OR LONGER AFTER WR GOES HIGH.
VIH + VIL
2
CSLSB
CSMSB
LDAC
WR
DATA
Figure 1a. MX7534 Timing Diagram
Figure 1b. MX7535 Timing Diagram


Similar Part No. - MX7534JP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7530 MAXIM-MX7530 Datasheet
192Kb / 4P
   CMOS 10 and 12 Bit Multiplying D/a Converters
Rev 1; 7/95
MX7530-MX7531 MAXIM-MX7530-MX7531 Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
MX7530J/D MAXIM-MX7530J/D Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
MX7530JCWE MAXIM-MX7530JCWE Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
MX7530JD MAXIM-MX7530JD Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
More results

Similar Description - MX7534JP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7538 AD-AD7538_15 Datasheet
306Kb / 16P
   Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
logo
C&D Technologies
DAC-7134B CANDD-DAC-7134B Datasheet
584Kb / 6P
   14-BIT MICROPROCESSOR-COMPATIBLE MULTIPLYING D/A CONVERTERS
logo
Intersil Corporation
ICL7134 INTERSIL-ICL7134 Datasheet
773Kb / 16P
   14-Bit Multiplying Microprocessor-Compatible D/A Converter
logo
Sipex Corporation
HS3140 SIPEX-HS3140 Datasheet
144Kb / 7P
   14-Bit Multiplying DACs
HS7514 SIPEX-HS7514 Datasheet
106Kb / 8P
   14-Bit Multiplying DACs
logo
Intersil Corporation
ICL7104 INTERSIL-ICL7104 Datasheet
946Kb / 19P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
ICL8052 INTERSIL-ICL8052 Datasheet
198Kb / 21P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
logo
Analog Devices
AD7835ASZ-REEL AD-AD7835ASZ-REEL Datasheet
0Kb / 28P
   LC2MOS Quad 14-Bit DACs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com