Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLCC3014-W3 Datasheet(PDF) 1 Page - HB Electronic Components

Part # PLCC3014-W3
Description  Absolute maximum rating
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC3014-W3 Datasheet(HTML) 1 Page - HB Electronic Components

  PLCC3014-W3 Datasheet HTML 1Page - HB Electronic Components PLCC3014-W3 Datasheet HTML 2Page - HB Electronic Components PLCC3014-W3 Datasheet HTML 3Page - HB Electronic Components PLCC3014-W3 Datasheet HTML 4Page - HB Electronic Components PLCC3014-W3 Datasheet HTML 5Page - HB Electronic Components PLCC3014-W3 Datasheet HTML 6Page - HB Electronic Components PLCC3014-W3 Datasheet HTML 7Page - HB Electronic Components PLCC3014-W3 Datasheet HTML 8Page - HB Electronic Components PLCC3014-W3 Datasheet HTML 9Page - HB Electronic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Technical Data Sheet
Top View LED
Prepared date: Aug. 2011
www.ledz.com
Rev. :0
Page 1 of 10
·Customer:
Technical Data Sheet
PN:PLCC3014-W3
For: IF=30mA
Contents
1.Features
2.Applications
3.Package dimensions
4.Absolute maximum rating
5.Electrical optical characteristics
6.BIN range
7.Package label
8.Soldering pad dimensions
9.Soldering conditions
10.Package tape specifications
11.Typical electro-optical characteristics curves
12.Reliability
13.Cautions
14.Notes
Customer confirm
Approved by
Checked by
Issued by
Hebei I.T. (Shanghai) Co., Ltd.


Similar Part No. - PLCC3014-W3

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
PLCC3014-W3-U HB-PLCC3014-W3-U Datasheet
781Kb / 11P
   Device Outline
More results

Similar Description - PLCC3014-W3

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
PLCC3014-W6 HB-PLCC3014-W6 Datasheet
547Kb / 10P
   Absolute maximum rating
logo
New Jersey Semi-Conduct...
2N3677 NJSEMI-2N3677 Datasheet
155Kb / 1P
   ABSOLUTE MAXIMUM RATING
logo
Yangzhou yangjie electr...
SMC5341B YANGJIE-SMC5341B Datasheet
481Kb / 5P
   Limiting Values (Absolute Maximum Rating, Ta=25??Unless otherwise specified)
logo
Fairchild Semiconductor
1N5221B FAIRCHILD-1N5221B Datasheet
85Kb / 3P
   Absolute Maximum Ratings
1N5226B FAIRCHILD-1N5226B Datasheet
23Kb / 3P
   Absolute Maximum Ratings
logo
Shindengen Electric Mfg...
K1V36W SHINDENGEN-K1V36W_17 Datasheet
1Mb / 4P
   Absolute Maximum Ratings
logo
Xilinx, Inc
DS312 XILINX-DS312 Datasheet
5Mb / 233P
   Absolute Maximum Ratings
logo
New Jersey Semi-Conduct...
BD1 NJSEMI-BD1 Datasheet
46Kb / 1P
   absolute maximum ratings
logo
Shindengen Electric Mfg...
K1V14 SHINDENGEN-K1V14_17 Datasheet
1Mb / 4P
   Absolute Maximum Ratings
logo
New Jersey Semi-Conduct...
2N3957 NJSEMI-2N3957 Datasheet
224Kb / 2P
   ABSOLUTE MAXIMUM RATINGS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com