Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2520 Datasheet(PDF) 8 Page - Texas Instruments

Part # CC2520
Description  2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2520 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC2520_15 Datasheet HTML 4Page - Texas Instruments CC2520_15 Datasheet HTML 5Page - Texas Instruments CC2520_15 Datasheet HTML 6Page - Texas Instruments CC2520_15 Datasheet HTML 7Page - Texas Instruments CC2520_15 Datasheet HTML 8Page - Texas Instruments CC2520_15 Datasheet HTML 9Page - Texas Instruments CC2520_15 Datasheet HTML 10Page - Texas Instruments CC2520_15 Datasheet HTML 11Page - Texas Instruments CC2520_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 134 page
background image
CC2520 DATASHEET
2.4 GHZ IEEE 802.15.4/ZIGBEE® RF TRANSCEIVER
SWRS068 – DECEMBER 2007
8
WWW.TI.COM
3
Features
2394-2507MHz transceiver
• DSSS transceiver
• 250kbps data rate, 2 MChip/s chip rate
• O-QPSK with half sine pulse shaping modulation
• Very low current consumption
RX (receiving frame, -50 dBm): 18.5 mA
RX (waiting for frame): 22.3 mA
TX (+5 dBm output power): 33.6 mA
TX (0 dBm output power): 25.8 mA
• Three flexible power modes for reduced power consumption
• Low power fully static CMOS design
• Very good sensitivity (-98dBm)
• High adjacent channel rejection (49 dB)
• High alternate channel rejection (54 dB)
• On chip VCO, LNA, PA and filters.
• Low supply voltage (1.8 - 3.8 V)
• Programmable output power up to +5 dBm
• I/Q direct conversion transceiver
Small Size
• QFN 28 (RHD) package, 5 x 5 mm
• Very few external components
o
minimized number of passives
o
Only reference crystal needed
• Clock output for other ICs to limit the number of crystals needed in a system
• No external filters needed.
Easy and Flexible User Interface
• 4-wire SPI
• Serial clock up to 8 MHz
• 6 GPIO pins with full flexibility
• Interrupt generator
• Full control of automatic responses to different events
• Embedded packet sniffer mode
• CC2420 compatibility mode
Data Processing Unit For Advanced Data Handling
• Spacious (768 byte) on-chip RAM allows powerful on-chip frame processing
• 128 byte transmit data FIFO
• 128 byte receive data FIFO
• Full read and write access to RAM
• 128 bit AES
IEEE 802.15.4 MAC Hardware Support
• Automatic preamble generator
• Synchronization word insertion and detection
• CRC-16 computation and verification over the MAC payload
• Frame filtering
• Automatic ACK and setting of the pending-bit
• Clear Channel Assessment (CCA)
• Energy detection / RSSI
• Link Quality Indication (LQI)
• Fully automatic MAC security (CTR, CBC-MAC, CCM)


Similar Part No. - CC2520_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2520 TI-CC2520_12 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
More results

Similar Description - CC2520_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2520 TI-CC2520_12 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
CC2520 TI-CC2520 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
logo
Anaren Microwave
2530E24AZ1 ANAREN-2530E24AZ1 Datasheet
234Kb / 2P
   2.4-GHz IEEE 802.15.4 compliant RF transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_V01 Datasheet
2Mb / 151P
   IEEE 802.15.4™ 2.4 GHz RF Transceiver
Revision E March 2021
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com